Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSB601Y Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSB601Y
Description  Low Frequency Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB601Y Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSB601Y Datasheet HTML 1Page - Fairchild Semiconductor KSB601Y Datasheet HTML 2Page - Fairchild Semiconductor KSB601Y Datasheet HTML 3Page - Fairchild Semiconductor KSB601Y Datasheet HTML 4Page - Fairchild Semiconductor KSB601Y Datasheet HTML 5Page - Fairchild Semiconductor KSB601Y Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 100
V
VCEO
Collector-Emitter Voltage
- 100
V
VEBO
Emitter-Base Voltage
- 7
V
IC
Collector Current (DC)
- 5
A
ICP
*Collector Current (Pulse)
- 8
A
IB
Base Current
- 0.5
A
PC
Collector Dissipation (Ta=25°C)
1.5
W
PC
Collector Dissipation (TC=25°C)
30
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
KSB601
Low Frequency Power Amplifier
• Medium Speed Switching Industrial Use
• Complement to KSD560
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - KSB601Y

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
   Low-profile Tact Switch
logo
C&K Components
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Protected against flux
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-110 CK-COMPONENTS-KSB0A-110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-111 CK-COMPONENTS-KSB0A-111 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
More results

Similar Description - KSB601Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com