Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93H46RFVT-WE2 Datasheet(PDF) 1 Page - Rohm

Part # BR93H46RFVT-WE2
Description  High Reliability Serial EEPROMs High Reliability Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H46RFVT-WE2 Datasheet(HTML) 1 Page - Rohm

  BR93H46RFVT-WE2 Datasheet HTML 1Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 2Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 3Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 4Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 5Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 6Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 7Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 8Page - Rohm BR93H46RFVT-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1/40
www.rohm.com
2011.09 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
High Reliability Serial EEPROMs
High Reliability Series
EEPROMs Microwire BUS
BR93L□□-W Series, BR93A□□-WM Series, BR93H□□-WC Series
ROHM's series of serial EEPROMs represent the highest level of reliability on the market. A double cell structure provides a
failsafe method of data reliability, while a double reset function prevents data miswriting. In addition, gold pads and gold
wires are used for internal connections, pushing the boundaries of reliability to the limit.
BR93L□□-W Series are assort 1Kbit~16Kbit. BR93A□□-WM Series are possible to operate at 105℃ and are assorted
with 1K~16Kbit. BR93H□□-WC Series are possible to operate at 125℃, are assorted with 2K~16Kbit.
Contents
BR93L□□-W Series
BR93L46-W, BR93L56-W, BR93L66-W, BR93L76-W, BR93L86-W
BR93A□□-WM Series
BR93A46-WM, BR93A56-WM, BR93A66-WM, BR93A76-WM, BR93A86-WM
・・・・P2
BR93H□□-WC Series
BR93H56-WC, BR93H66-WC, BR93H76-WC, BR93H86-WC
・・・P22
No.11001EGT03


Similar Part No. - BR93H46RFVT-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2CE2 ROHM-BR93H46RFVT-2CE2 Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H46RFVT-2CE2 ROHM-BR93H46RFVT-2CE2 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46RFVT-2CE2 ROHM-BR93H46RFVT-2CE2 Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2CE2 ROHM-BR93H46RFVT-2CE2 Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results

Similar Description - BR93H46RFVT-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com