Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

204-10SDRD Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 204-10SDRD
Description  Technical Data Sheet 3.0mm Round Type LED for Tapping
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

204-10SDRD Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  204-10SDRD_13 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 204-10SDRD_13 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 204-10SDRD_13 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 204-10SDRD_13 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 204-10SDRD_13 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 204-10SDRD_13 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 204-10SDRD_13 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 204-10SDRD_13 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm Round Type LED For Tapping
Packing Quantity Specification
1.2000PCS/1Box
2. 5Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 8 of 8
Device Number :
CDT1-020-073
Prepared date:
2005/10/28
Prepared by: Xiuzen Feng
204-10SDRD/S530-A3/TR1(R )
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
204-10SDRD/S530-A3/TR1(R)


Similar Part No. - 204-10SDRD_13

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SDRD-S530-A3 EVERLIGHT-204-10SDRD-S530-A3 Datasheet
121Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 204-10SDRD_13

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3294-15SURC EVERLIGHT-3294-15SURC Datasheet
92Kb / 6P
   Technical Data Sheet 3.0mm Round Type LED Lamps
333-2SURT-S530-A3-TR1-4 EVERLIGHT-333-2SURT-S530-A3-TR1-4 Datasheet
116Kb / 8P
   5.0mm Round Type LED For Tapping
333-2SUGC-H3-S400-A5 EVERLIGHT-333-2SUGC-H3-S400-A5 Datasheet
91Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S400-A8 EVERLIGHT-383-2UYC-S400-A8 Datasheet
103Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
333-2SUGC-H3-S400-A4 EVERLIGHT-333-2SUGC-H3-S400-A4 Datasheet
91Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S400-A9 EVERLIGHT-383-2UYC-S400-A9 Datasheet
122Kb / 7P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S530-A4 EVERLIGHT-383-2UYC-S530-A4 Datasheet
99Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S530-A3 EVERLIGHT-383-2UYC-S530-A3 Datasheet
143Kb / 7P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2USOC-S400-A9 EVERLIGHT-383-2USOC-S400-A9 Datasheet
133Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S400-A6 EVERLIGHT-383-2UYC-S400-A6 Datasheet
98Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com