Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BADC-AGJA Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # BADC-AGJA
Description  Technical Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BADC-AGJA Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  BADC-AGJA Datasheet HTML 1Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 2Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 3Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 4Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 5Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 6Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 7Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 8Page - Everlight Electronics Co., Ltd BADC-AGJA Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Technical Data Sheet
5484BN/BADC-AGJA/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 7 of 9
Device Number : DLE-0001237
Prepared date:04-15-2009
Prepared by: Grace Shen
Prehead
laminar wave
Fluxing
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
300
Max.
(30W
Max.)
Preheat temp.
100
Max.
(60 sec
Max.)
Soldering time
3 sec Max.
Bath temp. & time
260 Max., 5 sec Max
Distance
3mm Min.(From
solder joint to
epoxy bulb)
Distance
3mm
Min.
(From
solder joint to epoxy
bulb)
Recommended soldering profile
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Dip and hand soldering should not be done more than one time
After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or
vibration until the LEDs return to room temperature.
A rapid-rate process is not recommended for cooling the LEDs down from the peak
temperature.


Similar Part No. - BADC-AGJA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BADC-AFGA EVERLIGHT-BADC-AFGA Datasheet
118Kb / 10P
   performance oval LED
BADC-AFHA EVERLIGHT-BADC-AFHA Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
More results

Similar Description - BADC-AGJA

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com