Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHC-YR1S2 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # GHC-YR1S2
Description  Technical Data Sheet 0805 Package Chip LED (0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

GHC-YR1S2 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button GHC-YR1S2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd GHC-YR1S2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-215/GHC-YR1S2/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 10 of 10
Device No. : SZDSE-175-G01
Prepared date: 7-Apr-2009
Prepared by: Huang yongxin
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of the
hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - GHC-YR1S2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
GHC-YR1S2 EVERLIGHT-GHC-YR1S2 Datasheet
158Kb / 10P
   Chip LED (1.1mm Height)
More results

Similar Description - GHC-YR1S2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T_11 Datasheet
204Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-BP2Q2M-3T TO-GRACE-17-215-BHC-BP2Q2M-3T Datasheet
876Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T Datasheet
121Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-G6C-FN2P2B-3T EVERLIGHT-17-215-G6C-FN2P2B-3T Datasheet
152Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-AQ1R2B-3T EVERLIGHT-17-215-S2C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-B6C-YP2R2-3T EVERLIGHT-17-215-B6C-YP2R2-3T_11 Datasheet
203Kb / 10P
   0805 Package Chip LED(0.8mm Height)
U17-215-R6C-AQ1R2B-3T EVERLIGHT-U17-215-R6C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-CP2R1B-3T EVERLIGHT-17-215-S2C-CP2R1B-3T Datasheet
169Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com