Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62674-321140 Datasheet(PDF) 1 Page - FCI connector

Part # 62674-321140
Description  0.5mm FPC/FFC SMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

62674-321140 Datasheet(HTML) 1 Page - FCI connector

  62674-321140 Datasheet HTML 1Page - FCI connector 62674-321140 Datasheet HTML 2Page - FCI connector 62674-321140 Datasheet HTML 3Page - FCI connector 62674-321140 Datasheet HTML 4Page - FCI connector 62674-321140 Datasheet HTML 5Page - FCI connector 62674-321140 Datasheet HTML 6Page - FCI connector 62674-321140 Datasheet HTML 7Page - FCI connector 62674-321140 Datasheet HTML 8Page - FCI connector 62674-321140 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PDM: Rev:K
Released
.
STATUS:
Printed: Feb 04, 2009


Similar Part No. - 62674-321140

ManufacturerPart #DatasheetDescription
logo
FCI connector
62674-321140 FCI-CONNECTOR-62674-321140 Datasheet
1Mb / 10P
   CONNECTOR USED FOR FPC/FFC WITH 0.5mm CONTACT SPACING
More results

Similar Description - 62674-321140

ManufacturerPart #DatasheetDescription
logo
FCI connector
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
   0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
SFV10R-2STE1 FCI-CONNECTOR-SFV10R-2STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV24R-1STE1 FCI-CONNECTOR-SFV24R-1STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV15R-2STE1LF FCI-CONNECTOR-SFV15R-2STE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV28R-1STE1LF FCI-CONNECTOR-SFV28R-1STE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
FCI connector
SFV12LF FCI-CONNECTOR-SFV12LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV34R-2STE1 FCI-CONNECTOR-SFV34R-2STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com