Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2F060M3A-CS484ES Datasheet(PDF) 4 Page - Microsemi Corporation

Part # A2F060M3A-CS484ES
Description  SmartFusion Customizable System-on-Chip (cSoC)
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F060M3A-CS484ES Datasheet(HTML) 4 Page - Microsemi Corporation

  A2F060M3A-CS484ES Datasheet HTML 1Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 2Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 3Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 4Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 5Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 6Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 7Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 8Page - Microsemi Corporation A2F060M3A-CS484ES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
IV
Revision 10
SmartFusion cSoC Block Diagram
Legend:
SDD – Sigma-delta DAC
SCB – Signal conditioning block
PDMA – Peripheral DMA
IAP – In-application programming
ABPS – Active bipolar prescaler
WDT – Watchdog Timer
SWD – Serial Wire Debug
Microcontroller Subsystem
Programmable Analog
FPGA Fabric
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SysReg
ENVM
10/100
EMAC
ESRAM
Timer2
Timer1
APB
I2C 2
UART 2
SPI 2
DAC
(SDD)
DAC
(SDD)
PPB
........
........
VersaTiles
3 V
I2C 1
UART 1
SPI 1
IAP
PDMA
APB
EMC
AHB Bus Matrix
EFROM
APB
Sample Sequencing
Engine
Post Processing
Engine
ADC
Analog Compute
Engine
PLL
Supervisor
WDT
OSC
32 KHz
RC
+
RTC
JTAG
Cortex-M3
SWD
NVIC
SysTick
MPU
SD
I
Volt Mon.
(ABPS)
Temp.
Mon.
SCB
Curr.
Mon.
Comparator
ADC
Volt Mon.
(ABPS)
Temp.
Mon.
SCB
Curr.
Mon.
Comparator
3 V


Similar Part No. - A2F060M3A-CS484ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F060 MICROSEMI-A2F060 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F060 MICROSEMI-A2F060 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A2F060 MICROSEMI-A2F060 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
More results

Similar Description - A2F060M3A-CS484ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F500M3G-1FGG484 MICROSEMI-A2F500M3G-1FGG484 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-CSG288 MICROSEMI-A2F500M3G-CSG288 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-FGG256I MICROSEMI-A2F500M3G-FGG256I Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com