Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93A56RF-WE2 Datasheet(PDF) 5 Page - Rohm

Part # BR93A56RF-WE2
Description  High Reliability Serial EEPROMs High Reliability Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93A56RF-WE2 Datasheet(HTML) 5 Page - Rohm

  BR93A56RF-WE2 Datasheet HTML 1Page - Rohm BR93A56RF-WE2 Datasheet HTML 2Page - Rohm BR93A56RF-WE2 Datasheet HTML 3Page - Rohm BR93A56RF-WE2 Datasheet HTML 4Page - Rohm BR93A56RF-WE2 Datasheet HTML 5Page - Rohm BR93A56RF-WE2 Datasheet HTML 6Page - Rohm BR93A56RF-WE2 Datasheet HTML 7Page - Rohm BR93A56RF-WE2 Datasheet HTML 8Page - Rohm BR93A56RF-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
5/40
www.rohm.com
2011.09 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
●Action timing characteristics
(BR93L□□-W, Ta=-40~+85℃, VCC=2.5~5.5V, BR93A□□-WM, Ta=-40~+105℃, VCC=2.5~5.5V)
Parameter
Symbol
2.5V≦VCC≦5.5V
Unit
Min.
Typ.
Max.
SK frequency
fSK
-
-
2
MHz
SK “H” time
tSKH
230
-
-
ns
SK “L” time
tSKL
230
-
-
ns
CS “L” time
tCS
200
-
-
ns
CS setup time
tCSS
50
-
-
ns
DI setup time
tDIS
100
-
-
ns
CS hold time
tCSH
0
-
-
ns
DI hold time
tDIH
100
-
-
ns
Data “1” output delay time
tPD1
-
-
200
ns
Data “0” output delay time
tPD0
-
-
200
ns
Time from CS to output establishment
tSV
-
-
150
ns
Time from CS to High-Z
tDF
-
-
150
ns
Write cycle time
tE/W
-
-
5
ms
(BR93L□□-W, Ta=-40~+85℃, VCC=1.8~2.5V)
Parameter
Symbol
1.8V≦VCC≦2.5V
Unit
Min.
Typ.
Max.
SK frequency
fSK
-
-
500
kHz
SK “H” time
tSKH
0.8
-
-
us
SK “L” time
tSKL
0.8
-
-
us
CS “L” time
tCS
1
-
-
us
CS setup time
tCSS
200
-
-
ns
DI setup time
tDIS
100
-
-
ns
CS hold time
tCSH
0
-
-
ns
DI hold time
tDIH
100
-
-
ns
Data “1” output delay time
tPD1
-
-
0.7
us
Data “0” output delay time
tPD0
-
-
0.7
us
Time from CS to output establishment
tSV
-
-
0.7
us
Time from CS to High-Z
tDF
-
-
200
ns
Write cycle time
tE/W
-
-
5
ms
●Sync data input / output timing
○Data is taken by DI sync with the rise of SK.
○At read action, data is output from DO in sync with the rise of SK.
○The status signal at write (READY / BUSY) is output after tCS from the fall of CS after write command input, at the area
DO where CS is “H”, and valid until the next command start bit is input. And, while CS is “L”, DO becomes High-Z.
○After completion of each mode execution, set CS “L” once for internal circuit reset, and execute the following action mode.
Fig.1 Sync data input / output timing
CS
SK
DO(READ)
DI
DO(WRITE)
tCSS
tSKH
tSKL
tCSH
tDIS
tDI H
tPD1
tPD0
tDF
STATUS VALID


Similar Part No. - BR93A56RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93A56RF-WE2 ROHM-BR93A56RF-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results

Similar Description - BR93A56RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com