Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLA536-01R Datasheet(PDF) 4 Page - Isahaya Electronics Corporation

Part # VLA536-01R
Description  Possible to mount on the IGBT package Built in the isolated DC-DC converter for gate drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

VLA536-01R Datasheet(HTML) 4 Page - Isahaya Electronics Corporation

  VLA536-01R Datasheet HTML 1Page - Isahaya Electronics Corporation VLA536-01R Datasheet HTML 2Page - Isahaya Electronics Corporation VLA536-01R Datasheet HTML 3Page - Isahaya Electronics Corporation VLA536-01R Datasheet HTML 4Page - Isahaya Electronics Corporation VLA536-01R Datasheet HTML 5Page - Isahaya Electronics Corporation VLA536-01R Datasheet HTML 6Page - Isahaya Electronics Corporation VLA536-01R Datasheet HTML 7Page - Isahaya Electronics Corporation VLA536-01R Datasheet HTML 8Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.idc-com.co.jp
page.4
V
50
Between Alarm – GND pin
Alarm pin voltage
Valm
Symbol
Parameter
Conditions
Ratings
Unit
VD
Supply voltage
DC
18
V
VI
Input signal voltage
Applied between VIN - IN1,2
50% Duty cycle, Pulse width 1ms
-1 ~ +7
V
IOHP
Gate peak current
Pulse width 2us
-5
A
IOLP
5A
Viso
Isolation voltage
Sine wave voltage 60Hz, for 1min
2500
Vrms
Topr
Operating temperature
No condensation allowable
-20 ~ 70
deg C
Tstg
Storage temperature
No condensation allowable
-25 ~ 85
deg C
Ialm
Alarm pin output
sink current
-
10
mA
Idrive
Gate drive current
Gate average current (Per one circuit)
83
mA
Symbol
Parameter
Conditions
Limits
Unit
Min
Typ
Max
VD
Supply voltage
Recommended range
12
15
18
V
VIN
Pull-up voltage on input side
Recommended range
4.75
5
5.25
V
IIH
Input signal current
Recommended range
10
13
16
mA
f
Switching frequency
Recommended range
--
20
kHz
RG
Gate resistance
Recommended range
2-
-
Ialm
Alarm output current
Recommended range
--
5
mA
VOH
Plus bias voltage
-
14.5
16.0
17.5
V
VOL
Minus bias voltage
-
-9.0
-8.0
-7.0
V
tPLH
“L-H” propagation time
IIH = 13mA
0.2
0.45
0.8
us
tPHL
“H-L” propagation time
IIH = 13mA
0.2
0.4
0.7
us
t_timer
Timer
Between start and clear (under input signal “OFF”)
1
1.4
2
ms
tdalm
Alarm delay time
Ialm=2.5mA
-
6.5
10
us
VSC
SC detect collector voltage
IGBT collector voltage
15
-
-
V
MAXIMUM RATINGS
(unless otherwise noted, Ta=25C)
( unless otherwise noted, Ta=25C, VD=15V )
ELECTRICAL CHARACTERISTICS


Similar Part No. - VLA536-01R

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
VLA536-01R POWEREX-VLA536-01R Datasheet
296Kb / 4P
   NX-Series Dual IGBT
More results

Similar Description - VLA536-01R

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
GAU215P-15405 ISAHAYA-GAU215P-15405 Datasheet
584Kb / 8P
   Built in the isolated DC-DC converter for gate drive
VLA567-02R ISAHAYA-VLA567-02R Datasheet
289Kb / 7P
   Built in the isolated DC-DC converter for gate drive
VLA551-01R ISAHAYA-VLA551-01R Datasheet
311Kb / 8P
   Built-in the isolated type DC-DC converter for gate drive
VLA554-01R ISAHAYA-VLA554-01R Datasheet
464Kb / 10P
   Built-in the isolated type DC-DC converter for gate drive
VLA555-01R ISAHAYA-VLA555-01R Datasheet
1Mb / 13P
   Built in the isolated DC?륞C converter for gate drive
logo
Mitsubishi Electric Sem...
M57115L-01 MITSUBISHI-M57115L-01 Datasheet
45Kb / 3P
   THE POWER SUPPLY DC-DC CONVERTER FOR IGBT MODULE GATE DRIVE
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
ADUM6010 AD-ADUM6010 Datasheet
486Kb / 16P
   The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Silicon Laboratories
AN892 SILABS-AN892 Datasheet
314Kb / 16P
   DESIGN GUIDE FOR ISOLATED DC/DC USING THE
logo
Bellnix Co.,Ltd.
BTA BELLNIX-BTA Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com