Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37-01 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 37-01
Description  Technical Data Sheet Oval POWER LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

37-01 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

  37-01 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 37-01 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Technical Data Sheet
Oval POWER LED
37-01/A7C-ARTC-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 9
Device number: DPE-0000046
Established date: 02-18-2009
Established by: Ken Lee
LEDs.
All devices, equipment and machinery must be properly grounded.
Use ion
blower to neutralize the static charge which might have built up on surface of the
LEDs plastic lens as a result of friction between LEDs during storage and handing.
8. Other
Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 37-01

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
37-002-171PTLHT ARIES-37-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
37-002-172PTLHT ARIES-37-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
37-002-173PTLHT ARIES-37-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
37-002.125-171PTLHT ARIES-37-002.125-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
37-002.125-172PTLHT ARIES-37-002.125-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 37-01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-R5C-AQSC EVERLIGHT-30-01-R5C-AQSC Datasheet
111Kb / 6P
   Technical Data Sheet POWER LED
30-01-A5C-ASUC-AM EVERLIGHT-30-01-A5C-ASUC-AM Datasheet
344Kb / 10P
   Technical Data Sheet 3mm POWER LED
30-01USOC-S400-A9 EVERLIGHT-30-01USOC-S400-A9 Datasheet
101Kb / 6P
   Technical Data Sheet 3mm POWER LED
34-01-A5C-ASUC-AM EVERLIGHT-34-01-A5C-ASUC-AM Datasheet
239Kb / 10P
   Technical Data Sheet 5mm POWER LED
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
   Technical Data Sheet Power Top View LED
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
IR67-21C EVERLIGHT-IR67-21C Datasheet
205Kb / 9P
   Technical Data Sheet Top Infrared LED
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
logo
Pasternack Enterprises,...
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
   Power Dividers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com