Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKR05BX472K Datasheet(PDF) 11 Page - AVX Corporation

Part # CKR05BX472K
Description  MIL-PRF-39014/Radial Leads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CKR05BX472K Datasheet(HTML) 11 Page - AVX Corporation

Back Button CKR05BX472K Datasheet HTML 6Page - AVX Corporation CKR05BX472K Datasheet HTML 7Page - AVX Corporation CKR05BX472K Datasheet HTML 8Page - AVX Corporation CKR05BX472K Datasheet HTML 9Page - AVX Corporation CKR05BX472K Datasheet HTML 10Page - AVX Corporation CKR05BX472K Datasheet HTML 11Page - AVX Corporation CKR05BX472K Datasheet HTML 12Page - AVX Corporation CKR05BX472K Datasheet HTML 13Page - AVX Corporation CKR05BX472K Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
60
MIL-PRF-39014/2Pin DIP
Military
Failure Rate Level (%/1,000 Hours)
Type
Standard Lead Length
Optional Longer Lead Length
Capacitance
Capacitance
Designation
1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S) 1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S)
(pF)
Tolerance
WVDC
Style CKR22, Voltage-temperature limits of ±30 ppm/°C, (continued)
CKR22CG271K_
0090
0390
0690
0990
3090
3390
3690
3990
270
K
200
CKR22CG331F_
0091
0391
0691
0991
3091
3391
3691
3991
330
F
CKR22CG331J_
0092
0392
0692
0992
3092
3392
3692
3992
330
J
CKR22CG331K_
0093
0393
0693
0993
3093
3393
3693
3993
330
K
CKR22CG391F_
0094
0394
0694
0994
3094
3394
3694
3994
390
F
CKR22CG391J_
0095
0395
0695
0995
3095
3395
3695
3995
390
J
CKR22CG391K_
0096
0396
0696
0996
3096
3396
3696
3996
390
K
CKR22CG471F_
0097
0397
0697
0997
3097
3397
3697
3997
470
F
CKR22CG471J_
0098
0398
0698
0998
3098
3398
3698
3998
470
J
CKR22CG471K_
0099
0399
0699
0999
3099
3399
3699
3999
470
K
200
CKR22CG561F_
0100
0400
0700
1000
3100
3400
3700
4000
560
F
100
CKR22CG561J_
0101
0401
0701
1001
3101
3401
3701
4001
560
J
CKR22CG561K_
0102
0402
0702
1002
3102
3402
3702
4002
560
K
CKR22CG681F_
0103
0403
0703
1003
3103
3403
3703
4003
680
F
CKR22CG681J_
0104
0404
0704
1004
3104
3404
3704
4004
680
J
CKR22CG681K_
0105
0405
0705
1005
3105
3405
3705
4005
680
K
CKR22CG821F_
0106
0406
0706
1006
3106
3406
3706
4006
820
F
CKR22CG821J_
0107
0407
0707
1007
3107
3407
3707
4007
820
J
CKR22CG821K_
0108
0408
0708
1008
3108
3408
3708
4008
820
K
CKR22CG102F_
0109
0409
0709
1009
3109
3409
3709
4009
1000
F
CKR22CG102J_
0110
0410
0710
1010
3110
3410
3710
4010
1000
J
CKR22CG102K_
0111
0411
0711
1011
3111
3411
3711
4011
1000
K
CKR22CG122F_
0112
0412
0712
1012
3112
3412
3712
4012
1200
F
CKR22CG122J_
0113
0413
0713
1013
3113
3413
3713
4013
1200
J
CKR22CG122K_
0114
0414
0714
1014
3114
3414
3714
4014
1200
K
CKR22CG152F_
0115
0415
0715
1015
3115
3415
3715
4015
1500
F
CKR22CG152J_
0116
0416
0716
1016
3116
3416
3716
4016
1500
J
CKR22CG152K_
0117
0417
0717
1017
3117
3417
3717
4017
1500
K
CKR22CG182F_
0118
0418
0718
1018
3118
3418
3718
4018
1800
F
CKR22CG182J_
0119
0419
0719
1019
3119
3419
3719
4019
1800
J
CKR22CG182K_
0120
0420
0720
1020
3120
3420
3720
4020
1800
K
CKR22CG222F_
0121
0421
0721
1021
3121
3421
3721
4021
2200
F
CKR22CG222J_
0122
0422
0722
1022
3122
3422
3722
4022
2200
J
CKR22CG222K_
0123
0423
0723
1023
3123
3423
3723
4023
2200
K
100
CKR22CG272F_
0124
0424
0724
1024
3124
3424
3724
4024
2700
F
50
CKR22CG272J_
0125
0425
0725
1025
3125
3425
3725
4025
2700
J
CKR22CG272K_
0126
0426
0726
1026
3126
3426
3726
4026
2700
K
CKR22CG332F_
0127
0427
0727
1027
3127
3427
3727
4027
3300
F
CKR22CG332J_
0128
0428
0728
1028
3128
3428
3728
4028
3300
J
CKR22CG332K_
0129
0429
0729
1029
3129
3429
3729
4029
3300
K
CKR22CG392F_
0130
0430
0730
1030
3130
3430
3730
4030
3900
F
CKR22CG392J_
0131
0431
0731
1031
3131
3431
3731
4031
3900
J
CKR22CG392K_
0132
0432
0732
1032
3132
3432
3732
4032
3900
K
CKR22CG472F_
0133
0433
0733
1033
3133
3433
3733
4033
4700
F
CKR22CG472J_
0134
0434
0734
1034
3134
3434
3734
4034
4700
J
CKR22CG472K_
0135
0435
0735
1035
3135
3435
3735
4035
4700
K
CKR22CG562F_
0136
0436
0736
1036
3136
3436
3736
4036
5600
F
CKR22CG562J_
0137
0437
0737
1037
3137
3437
3737
4037
5600
J
CKR22CG562K_
0138
0438
0738
1038
3138
3438
3738
4038
5600
K
CKR22CG682F_
0139
0439
0739
1039
3139
3439
3739
4039
6800
F
CKR22CG682J_
0140
0440
0740
1040
3140
3440
3740
4040
6800
J
CKR22CG682K_
0141
0441
0741
1041
3141
3441
3741
4041
6800
K
CKR22CG822F_
0142
0442
0742
1042
3142
3442
3742
4042
8200
F
CKR22CG822J_
0143
0443
0743
1043
3143
3443
3743
4043
8200
J
CKR22CG822K_
0144
0444
0744
1044
3144
3444
3744
4044
8200
K
CKR22CG103F_
0145
0445
0745
1045
3145
3445
3745
4045
10,000
F
CKR22CG103J_
0146
0446
0746
1046
3146
3446
3746
4046
10,000
J
CKR22CG103K_
0147
0447
0747
1047
3147
3447
3747
4047
10,000
K
50
Add appropriate failure rate level letter (M, P, R or S)
MILITARY DASH NUMBER IDENTIFICATION CKR22 TO MIL-PRF-39014/22
(Dash Number From Table)


Similar Part No. - CKR05BX472K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CKR05BX471KR KEMET-CKR05BX471KR Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 470 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX473KR KEMET-CKR05BX473KR Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.047 uF, 10%, 50 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
More results

Similar Description - CKR05BX472K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com