Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKR04BX472M Datasheet(PDF) 1 Page - AVX Corporation

Part # CKR04BX472M
Description  MIL-PRF-39014/Radial Leads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CKR04BX472M Datasheet(HTML) 1 Page - AVX Corporation

  CKR04BX472M Datasheet HTML 1Page - AVX Corporation CKR04BX472M Datasheet HTML 2Page - AVX Corporation CKR04BX472M Datasheet HTML 3Page - AVX Corporation CKR04BX472M Datasheet HTML 4Page - AVX Corporation CKR04BX472M Datasheet HTML 5Page - AVX Corporation CKR04BX472M Datasheet HTML 6Page - AVX Corporation CKR04BX472M Datasheet HTML 7Page - AVX Corporation CKR04BX472M Datasheet HTML 8Page - AVX Corporation CKR04BX472M Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
50
MIL-PRF-39014/Radial Leads
L.D.
L.D.
L.S.
L.S.
W
W
T
L
L
Figure 1
Figure 2
L.D.
L.D.
L.S.
L.S.
W
W
T
T
L
L
1.250 Min.
1.250 Min.
Figure 4
Figure 3
PACKAGING REQUIREMENTS
Packaging: 100 Pcs/bag; Radial Tape and Reel Packaging
available upon request (2500 pcs./reel).
Failure Rate Level
Will Replace
Failure Rate Level
S (STD) (X-ray)
R, P, M, L
R (STD) (No X-ray)
P, M, L
P
M,L
ML
Per Mil Spec
Case Size
Length
Width
Thickness
Lead
Lead
MIL-PRF-39014
(L)
(W)
(T)
Spacing
Diameter
(L.S.)
(L.D.)
CKR04
4.83±.25
4.83±.25
2.29±.25
2.54±.38
.64±.05
(Fig. 2)
(.190±.010)
(.190±.010) (.090±.010)
(.100±.015)
(.025±.002)
CKR05
4.83±.25
4.83±.25
2.29±.25
5.08±.38
.64±.05
(Fig. 1, 4)
(.190±.010)
(.190±.010) (.090±.010)
(.200±.015)
(.025±.002)
CKR06
7.37±.25
7.37±.25
2.29±.25
5.08±.38
.64±.05
(Fig. 2, 3)
(.290±.010)
(.290±.010) (.090±.010)
(.200±.015)
(.025±.002)
CKR08
7.37±.25
7.37±.25
3.68±.38
5.08±.38
.64±.05
(Fig. 2)
(.290±.010)
(.290±.010) (.145±.015)
(.200±.015)
(.025±.002)
MARKING RADIAL LEAD
Front
M390
14/01
1595
J AVX
0810
A
M39014
2-1350
AVX
0810A
J 50V
105K
Abb. Military Part Number
Military Slash/Dash Number
Mfg. I.D. Symbol
Mfg. I.D. Symbol
Date Code
Lot Code
Abb. Military Part Number
Military Slash Number
Military Dash Number
Date Code
Lot Code
J for JAN
Voltage Rating
Capacitance Value
(3 digit Code)
& Cap. Tol.
J for JAN
Back
CKR04/CKR05
CKR06/CKR08
HOW TO ORDER
Military Type Designation: Styles CKR04, CKR05, CKR06, CKR08
Dash Number Option: MIL-PRF-39014/01 (Appropriate Dash Number)
CKR05
Style
CK = General purpose,
ceramic dielectric,
fixed capacitors
R = Established
Reliability Parts
05 = Remaining two
numbers identify
shape and
dimension
104
Capacitance
First two digits are the significant
figures of capacitance. Third digit
indicates the additional number
of zeros. For example, order
100,000 pF as 104. (For values
below 10pF use “R” in place of
decimal point, e.g., 1R4 = 1.4pF.)
K
Capacitance
Tolerance
K = ±10%
M = ±20%
S
Military
Failure Rate
M = 1% per 1000 hours
P = 0.1% per 1000 hours
R = 0.01% per 1000 hours
S = 0.001% per 1000 hours
Note:
AVX reserves the right to substi-
tute a lower failure rate part per
MIL-PRF-39014. Substitutability
for failure rate levels shall be as
follows:
(V)
Standoff
Option
To order standoff
option, place “V”
at the end of the
part number.
Example:
CKR05BX104KSV
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
BX
Voltage-
Temperature Limits
First letter identifies
temperature range.
B = -55ºC to +125ºC
Second letter identifies
voltage-temperature coefficient.
Capacitance Change
with Reference to 25°C
Second
No
Rated
Letter
Voltage
Voltage
X
+15, -15% +15, -25%
Not RoHS Compliant


Similar Part No. - CKR04BX472M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CKR05BX100K AVX-CKR05BX100K Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX100M AVX-CKR05BX100M Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX101K AVX-CKR05BX101K Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
CKR05BX101KR KEMET-CKR05BX101KR Datasheet
62Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 100 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX101KS KEMET-CKR05BX101KS Datasheet
62Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 100 pF, 10%, 200 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
More results

Similar Description - CKR04BX472M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com