Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG042L14V400 Datasheet(PDF) 4 Page - AVX Corporation

Part # MG042L14V400
Description  MultiGuard (2&4 Elements) AVX Multilayer Ceramic Transient Voltage Suppression Arrays ??ESD Protection for CMOS and Bi Polar Systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MG042L14V400 Datasheet(HTML) 4 Page - AVX Corporation

  MG042L14V400 Datasheet HTML 1Page - AVX Corporation MG042L14V400 Datasheet HTML 2Page - AVX Corporation MG042L14V400 Datasheet HTML 3Page - AVX Corporation MG042L14V400 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
49
MultiGuard (2 & 4 Elements)
AVX Multilayer Ceramic
Transient Voltage Suppression Arrays
ESD Protection for CMOS and Bi Polar Systems
0
200
100
400
600
800
300
500
CAPACITANCE (pF) DISTRIBUTION
700
900
1000
MG064S05A510
MG064S09A200
MG064S18A400
MG064L18X500
MG064S14A300
TRANSIENT VOLTAGE SUPPRESSORS – TYPICAL PERFORMANCE CURVES
Transmitter
Receiver
MUX BUS
14V - 18V 0.02J
74AHCT05
DATA
14V - 18V 0.1J
FERRITE
BEAD
KEYBOARD
CONTROLLER
74AHCT05
CLOCK
14V - 18V 0.1J
FERRITE
BEAD
APPLICATION


Similar Part No. - MG042L14V400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MG042L14V400 AVX-MG042L14V400 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results

Similar Description - MG042L14V400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC06LC18X500RP AVX-VC06LC18X500RP Datasheet
109Kb / 3P
   AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for CMOS, Bi Polar and SiGe Based Systems
VC04LC18V500WP AVX-VC04LC18V500WP Datasheet
109Kb / 3P
   AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for CMOS, Bi Polar and SiGe Based Systems
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
MG042L14A300TP AVX-MG042L14A300TP Datasheet
295Kb / 5P
   AVX Multilayer Ceramic Transient Voltage Suppression
VC06AG18120YAT1A AVX-VC06AG18120YAT1A Datasheet
130Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for Antennas and Low Capacitor Loading Applications
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC020103V101WP AVX-VC020103V101WP Datasheet
82Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
PESD5V0S1UA NEXPERIA-PESD5V0S1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com