Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFV34E0107K Datasheet(PDF) 2 Page - AVX Corporation

Part # FFV34E0107K
Description  Medium Power Film Capacitors FFV3 (RoHS Compliant)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFV34E0107K Datasheet(HTML) 2 Page - AVX Corporation

  FFV34E0107K Datasheet HTML 1Page - AVX Corporation FFV34E0107K Datasheet HTML 2Page - AVX Corporation FFV34E0107K Datasheet HTML 3Page - AVX Corporation FFV34E0107K Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Medium Power Film Capacitors
FFV3 (RoHS Compliant) for Low Voltage Applications
HOW TO ORDER
FFV3
Series
4
Dielectric
4 = Polyester
6 = Polypropylene
D
Voltage Code
K
Capacitance
Tolerances
K = ±10%
––
Lead Styles
– – = Standard
Consult Factory
for Special
Options
D = 75Vdc
E = 100Vdc
F = 160Vdc
H = 300Vdc
I = 400Vdc
J = 500Vdc
A = 700Vdc
C = 900Vdc
L = 1100Vdc
Climatic category
40/105/56 (IEC 60068)
Test voltage between terminals @ 25°C
1.5 x Vndc during 10s
Test voltage between terminals and case @ 25°C “ @ 4 kVrms @ 50 Hz during 1 min.
Capacitance range Cn
30μF to 160μF
Tolerance on Cn
±10%
Rated DC voltage Vndc
75 to 400 V
Dielectric
polyester
Max Stray Inductance
15nH
ELECTRICAL CHARACTERISTICS – POLYESTER DIELECTRIC
RATINGS AND PART NUMBER REFERENCE – POLYESTER DIELECTRIC
50
°C
60
°C
70
°C
85
°C
95
°C
105
°C
1.2
1.1
1.0
0.8
0.9
0.7
0.6
0.5
0.4
0.3
100
1000
10000
Lifetime Expectancy (hours)
100000
Part Number
Capacitance
Irms max.
(I2t)10 shots
(I2t)1000 shots
Rs
Rth
Typical
(μF)
(A)
(A2s)
(A2s)
(m )
(°C/W)
Weight (g)
Vndc = 75 V
Vrms = 45 v max
Voltage Code: D
FFV34D0137K--
130
23
370
37
0.56
5.60
90
FFV34D0167K--
160
28
560
56
0.47
5.00
90
Vndc = 100 V
Vrms = 60 v max
Voltage Code: E
FFV34E0806K--
80
19
250
25
0.67
6.16
90
FFV34E0107K--
100
24
390
39
0.55
5.42
90
Vndc = 160 V
Vrms = 75 v max
Voltage Code: F
FFV34F0556K--
55
17
180
18
0.77
6.56
90
FFV34F0656K--
65
20
260
26
0.66
5.97
90
Vndc = 300 V
Vrms = 90 v max
Voltage Code: H
FFV34H0406K--
40
20
150
15
2.80
9.58
90
FFV34H0506K--
50
26
230
23
2.25
8.46
90
Vndc = 400 V
Vrms = 105 v max
Voltage Code: I
FFV34I0306K--
30
17
110
11
2.93
9.92
90
FFV34I0406K--
40
23
200
20
2.21
8.41
90
LIFETIME EXPECTANCY vs Vw/Vn AND HOT SPOT TEMPERATURE
POLYESTER DIELECTRIC
Vw = Permanent working
or operating DC voltage.
9


Similar Part No. - FFV34E0107K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFV34EK AVX-FFV34EK Datasheet
161Kb / 3P
   Medium Power Film Capacitors
More results

Similar Description - FFV34E0107K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFLI AVX-FFLI_15 Datasheet
688Kb / 10P
   Medium Power Film Capacitors FFLI 1500V to 3000Vdc RoHS Compliant
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com