Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ10EP16T1 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ10EP16T1
Description  LVPECL Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10EP16T1 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ10EP16T1 Datasheet HTML 1Page - Arizona Microtek, Inc AZ10EP16T1 Datasheet HTML 2Page - Arizona Microtek, Inc AZ10EP16T1 Datasheet HTML 3Page - Arizona Microtek, Inc AZ10EP16T1 Datasheet HTML 4Page - Arizona Microtek, Inc AZ10EP16T1 Datasheet HTML 5Page - Arizona Microtek, Inc AZ10EP16T1 Datasheet HTML 6Page - Arizona Microtek, Inc AZ10EP16T1 Datasheet HTML 7Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.azmicrotek.com
1630 S Stapley Dr, Suite 127
+1-480-962-5881
Mesa, AZ 85204 USA
Request a Sample
May 2012, Rev 2.0
DESCRIPTION
The AZ10/100EP16 is a Silicon–Germanium (SiGe) differential receiver.
The device is functionally equivalent to the AZ10EL16 device with higher
performance capabilities. With output transition times significantly faster
than the AZ10/100EL16, the AZ10/100EP16 is ideally suited for
interfacing with high frequency sources.
The AZ10/100EP16 is functionally equivalent to the ON Semi MC10EP16
& MC100EP16
BLOCK DIAGRAM
FEATURES
• Silicon-Germanium for high-
speed operation
• 150ps typical propagation
delay
• Internal pull-down resistors
APPLICATIONS
• Interfacing with very high
frequency sources
PACKAGE AVAILABILITY
• MSOP8
o
Green/RoHS Compliant/Pb-Free
AZ10/100EP16
LVPECL Differential Receiver
Order Number
Package
Marking
AZ10EP16T
1
MSOP8
AZTEP16
2
AZ100EP16T
1
MSOP8
AZHEP16
2
1 Tape & Reel - Add 'R1' at end of order number for 7in (1k parts), 'R2' (2.5k) for 13in
2 See www.azmicrotek.com for date code format
www.azmicrotek.com


Similar Part No. - AZ10EP16T1

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EP16T AZM-AZ10EP16T Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
More results

Similar Description - AZ10EP16T1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Micrel Semiconductor
SY58602U MICREL-SY58602U Datasheet
667Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER
SY58601U MICREL-SY58601U Datasheet
133Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 800mV LVPECL LINE DRIVER/RECEIVER
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940_15 Datasheet
119Kb / 2P
   Differential LVPECL VCXO
logo
Mercury United Electron...
GPQF536 MERCURY-GPQF536 Datasheet
145Kb / 1P
   SMD LVPECL Differential
GPQF576 MERCURY-GPQF576 Datasheet
142Kb / 1P
   SMD LVPECL Differential
GPQN536 MERCURY-GPQN536 Datasheet
145Kb / 1P
   SMD LVPECL Differential
GPQN576 MERCURY-GPQN576 Datasheet
142Kb / 1P
   SMD LVPECL Differential
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com