Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LPS51236A-200B2LI Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61LPS51236A-200B2LI
Description  256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS51236A-200B2LI Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61LPS51236A-200B2LI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS51236A-200B2LI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. N
02/12/2010
IS61VPS25672A,IS61LPS25672A
IS61VPS51236A, IS61LPS51236A, IS61VPS102418A, IS61LPS102418A
BLOCK DIAGRAM
19/20
BINARY
COUNTER
GW
CLR
CE
CLK
Q0
Q1
MODE
A0'
A0
A1
A1'
CLK
ADV
ADSC
ADSP
17/18
19/20
ADDRESS
REGISTER
CE
D
CLK
Q
DQ(a-h)
BYTE WRITE
REGISTERS
D
CLK
Q
ENABLE
REGISTER
CE
D
CLK
Q
ENABLE
DELAY
REGISTER
D
CLK
Q
BWE
BW(a-h)
x18: a,b
x36: a-d
x72: a-h
CE
CE2
CE2
256Kx72;
512Kx36;
1024Kx18
MEMORY ARRAY
36,
or 18
or 72
INPUT
REGISTERS
CLK
OUTPUT
REGISTERS
CLK
OE
2/4/8
OE
DQa - DQd
36,
or 18
or 72
36,
or 18
or 72
A
POWER
DOWN
ZZ


Similar Part No. - IS61LPS51236A-200B2LI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS51236A-200B2 ISSI-IS61LPS51236A-200B2 Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51236A-200B2I ISSI-IS61LPS51236A-200B2I Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61LPS51236A-200B2LI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com