Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLA106-24051 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # VLA106-24051
Description  ISOLATED TYPE DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

VLA106-24051 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  VLA106-24051 Datasheet HTML 1Page - Isahaya Electronics Corporation VLA106-24051 Datasheet HTML 2Page - Isahaya Electronics Corporation VLA106-24051 Datasheet HTML 3Page - Isahaya Electronics Corporation VLA106-24051 Datasheet HTML 4Page - Isahaya Electronics Corporation VLA106-24051 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HYBRID IC
VLA106-24051
ISOLATED TYPE DC-DC CONVERTER
2
MAXIMUM RATINGS (unless otherwise noted, Ta=25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VIN
Input voltage
Between pins 8,9 and 10,11
27
V
IO
Output current
Between pins 3 and 1
300
mA
Topr
Operating temperature
No condensation
-10 ~ +70
°C
Tstg
Storage temperature
No condensation
-20 ~ +85
°C
Viso
Input-output isolation voltage
AC , 1min
2500
Vrms
ELECTRICAL CHARACTERISTICS (unless otherwise noted, VIN=24V, Ta=25°C)
Symbol
Parameter
Test conditions
Limits
Unit
MIN.
TYP.
MAX.
VIN
Input voltage
Recommended range
21.6
24
26.4
V
VO
Output voltage
IO= 0 ~ 300mA
4.75
5.0
5.25
V
Reg-I
Input regulation
IO=300mA, VIN=21.6 ~ 26.4V
75
mV
Reg-L
Load regulation
IO= 0 ~ 300mA
120
mV
VP-P
Ripple voltage
IO=300mA
120
mV
η
Efficiency
IO=300mA
68
%
TEST CIRCUIT DIAGRAM
VIN
+
8
3
1
+
11
2
100μF
50V
47μF
50V
9
10
Load
VLA106-24051


Similar Part No. - VLA106-24051

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA106-24123 ISAHAYA-VLA106-24123 Datasheet
105Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-24151 ISAHAYA-VLA106-24151 Datasheet
123Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
logo
Powerex Power Semicondu...
VLA106-24151 POWEREX-VLA106-24151 Datasheet
390Kb / 2P
   Isolated DC/DC Converter
logo
Isahaya Electronics Cor...
VLA106-24154 ISAHAYA-VLA106-24154 Datasheet
122Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
logo
Powerex Power Semicondu...
VLA106-24154 POWEREX-VLA106-24154 Datasheet
370Kb / 2P
   Isolated DC/DC Converter
More results

Similar Description - VLA106-24051

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA129-2400GTR ISAHAYA-VLA129-2400GTR Datasheet
262Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
VLA313L-2450A ISAHAYA-VLA313L-2450A Datasheet
566Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-24154 ISAHAYA-VLA106-24154 Datasheet
122Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
VLA312-2425 ISAHAYA-VLA312-2425 Datasheet
150Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
VLA313-2450 ISAHAYA-VLA313-2450 Datasheet
141Kb / 5P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-15051 ISAHAYA-VLA106-15051 Datasheet
134Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-15154 ISAHAYA-VLA106-15154 Datasheet
104Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA106-24123 ISAHAYA-VLA106-24123 Datasheet
105Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA301-122R ISAHAYA-VLA301-122R Datasheet
126Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
VLA307-02R ISAHAYA-VLA307-02R Datasheet
154Kb / 4P
   ISOLATED TYPE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com