Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61WV51232ALL-20BI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61WV51232ALL-20BI
Description  512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV51232ALL-20BI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61WV51232ALL-20BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV51232ALL-20BI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. 00B
04/23/08
IS61WV51232ALL/ALS
IS61WV51232BLL/BLS
IS64WV51232BLL/BLS
AC TEST LOADS
Figure 1.
319
Ω
5 pF
Including
jig and
scope
353
Ω
OUTPUT
3.3V
Figure 2.
ZO = 50
Ω
1.5V
50
Ω
OUTPUT
30 pF
Including
jig and
scope
AC TEST CONDITIONS (HIGH SPEED)
Parameter
Unit
Unit
Unit
(2.4V-3.6V)
(3.3V + 5%)
(1.65V-2.2V)
Input Pulse Level
0.4V to VDD-0.3V
0.4V to VDD-0.3V
0.4V to VDD-0.2V
Input Rise and Fall Times
1.5ns
1.5ns
1.5ns
Input and Output Timing
VDD/2
VDD/2 + 0.05
VDD/2
and Reference Level (VRef)
Output Load
See Figures 1 and 2
See Figures 1 and 2
See Figures 1 and 2


Similar Part No. - IS61WV51232ALL-20BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL-20MI ISSI-IS61WV51216ALL-20MI Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL-20TI ISSI-IS61WV51216ALL-20TI Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216BLL ISSI-IS61WV51216BLL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216BLL-10MI ISSI-IS61WV51216BLL-10MI Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61WV51232ALL-20BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com