Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8H052C Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT8H052C
Description  The over current protection of three shunt method
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT8H052C Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT8H052C Datasheet HTML 1Page - Isahaya Electronics Corporation RT8H052C Datasheet HTML 2Page - Isahaya Electronics Corporation RT8H052C Datasheet HTML 3Page - Isahaya Electronics Corporation RT8H052C Datasheet HTML 4Page - Isahaya Electronics Corporation RT8H052C Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
<M F T>
Preliminary
RT8H052C
*This is tentative specification.
DESCRIPTION
RT8H052C is composed by NPN transistors,
PNP transistors and resistors.
It can miniaturization of a set and reduce parts or
time necessary for completion.
This MFT composed the circuit for the over current
protection of three shunt method.
FEATURES
● Miniaturization of a set.
● Variable VREF by external resistance.
● Open collector output.
APPLICATION
The over current protection of three shunt method.
BLOCK DIAGRAM
110427
(1/4)
The over current protection of three shunt method
2
3
6
5
4
OUTLINE DRAWING
Unit:mm
2.8
1.50
0.65
0.65
VCC
IN1
IN2
IN3
VREF
GND
PIN CONFIGURATION
①IN1
②IN2
③IN3
④VREF
⑤GND
⑥VCC


Similar Part No. - RT8H052C

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
RT8H042C ISAHAYA-RT8H042C Datasheet
194Kb / 4P
   This is tentative specification
RT8H062E ISAHAYA-RT8H062E Datasheet
159Kb / 5P
   RT8H062E is a semiconductor integrated circuit which is designed for System Reset to detect 3.3V??5V power supply
RT8H065C ISAHAYA-RT8H065C Datasheet
64Kb / 4P
   latch circuit
RT8H072E ISAHAYA-RT8H072E Datasheet
163Kb / 4P
   IGBT gate interception circuit
More results

Similar Description - RT8H052C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS150-1812 PROTEC-PMPS150-1812 Datasheet
544Kb / 6P
   Surface mount PTC devices are the preferred over-current protection method for computer
logo
Feeling Technology Corp...
FP133 FEELING-FP133 Datasheet
279Kb / 10P
   Over Current Protection IC With Shunt Regulator
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
Q48SG12034 DELTA-Q48SG12034 Datasheet
1Mb / 26P
   Over-Current Protection
logo
Rohm
BP5293-XX ROHM-BP5293-XX Datasheet
1Mb / 19P
   Over current protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com