Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43DR83200A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS43DR83200A
Description  32Mx8, 16Mx16 DDR2 DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR83200A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS43DR83200A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR83200A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
08/16/2012
IS43/46DR83200A, IS43/46DR16160A
PIN CONFIGURATION
PACKAGE CODE: B 84 BALL TW-BGA (Top View) (8.00 mm x 12.50 mm Body, 0.8 mm Ball Pitch)
1 2 3 4 5 6 7 8 9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
VDD
DQ14
VDDQ
DQ12
VDD
DQ6
VDDQ
DQ4
VDDL
NC
VSS
VDD
NC
VSSQ
DQ9
VSSQ
NC
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10/AP
A3
A7
A12
VSS
UDM
VDDQ
DQ11
VSS
LDM
VDDQ
DQ3
VSS
WE
BA1
A1
A5
A9
NC
VSSQ
UDQS
VDDQ
DQ10
VSSQ
LDQS
VDDQ
DQ2
VSSDL
RAS
CAS
A2
A6
A11
NC
UDQS
VSSQ
DQ8
VSSQ
LDQS
VSSQ
DQ0
VSSQ
CK
CK
CS
A0
A4
A8
NC
VDDQ
DQ15
VDDQ
DQ13
VDDQ
DQ7
VDDQ
DQ5
VDD
ODT
VDD
VSS
Not populated
Pin name
Function
Pin name
Function
A0 to A12
Address inputs
ODT
ODT control
BA0, BA1
Bank select
VDD
Supply voltage for internal circuit
DQ0 to DQ15
Data input/output
VSS
Ground for internal circuit
LDQS, UDQS
Differential data strobe
VDDQ
Supply voltage for DQ circuit
/LDQS, /UDQS
/CS
Chip select
VSSQ
Ground for DQ circuit
/RAS, /CAS, /WE Command input
VREF
Input reference voltage
CKE
Clock enable
VDDL
Supply voltage for DLL circuit
CK, /CK
Differential clock input
VSSDL
Ground for DLL circuit
LDM to UDM
Write data mask
NC
No connection


Similar Part No. - IS43DR83200A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
More results

Similar Description - IS43DR83200A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
IS43DR82560B ISSI-IS43DR82560B Datasheet
1Mb / 48P
   256Mx8, 128Mx16 DDR2 DRAM
IS43DR86400C ISSI-IS43DR86400C Datasheet
1Mb / 48P
   64Mx8, 32Mx16 DDR2 DRAM
logo
Hanbit Electronics Co.,...
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com