Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK2576DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK2576DPA
Description  250V - 17A - MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2576DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK2576DPA Datasheet HTML 1Page - Renesas Technology Corp RJK2576DPA Datasheet HTML 2Page - Renesas Technology Corp RJK2576DPA Datasheet HTML 3Page - Renesas Technology Corp RJK2576DPA Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJK2576DPA
Preliminary
R07DS0860EJ0200 Rev.2.00
Page 2 of 3
Feb 27, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
250
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
AV
DS = 250 V, VGS = 0
Gate to source leak current
IGSS
±1
AV
GS = 30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
2.5
4.5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
0.102
0.128
ID = 8.5 A, VGS = 10 V
Note5
Input capacitance
Ciss
1200
pF
Output capacitance
Coss
165
pF
Reverse transfer capacitance
Crss
18
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
17
ns
Rise time
tr
16
ns
Turn-off delay time
td(off)
26
ns
Fall time
tf
13
ns
ID = 8.93 A
VGS = 10 V
RL = 14 
Rg = 10
Total gate charge
Qg
18
nC
Gate to source charge
Qgs
6.5
nC
Gate to drain charge
Qgd
5
nC
VDD = 200 V
VGS = 10 V
ID = 17 A
Body-drain diode forward voltage
VDF
0.81
1.35
V
IF = 17 A, VGS = 0
Note5
Body-drain diode reverse recovery time
trr
113
ns
IF = 17 A, VGS = 0
diF/dt = 100 A/s
Notes: 5. Pulse test


Similar Part No. - RJK2576DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2575DPA RENESAS-RJK2575DPA Datasheet
96Kb / 7P
   250V - 17A - MOS FET High Speed Power Switching
RJK2575DPA-00J5A RENESAS-RJK2575DPA-00J5A Datasheet
96Kb / 7P
   250V - 17A - MOS FET High Speed Power Switching
More results

Similar Description - RJK2576DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2575DPA RENESAS-RJK2575DPA Datasheet
96Kb / 7P
   250V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0_15 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E Datasheet
98Kb / 6P
   250V - 12A - MOS FET High Speed Power Switching
Jul 27, 2012
H5N2507P RENESAS-H5N2507P_15 Datasheet
127Kb / 7P
   250V - 50A - MOS FET High Speed Power Switching
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E_15 Datasheet
98Kb / 6P
   250V - 12A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0_15 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
H5N2507P RENESAS-H5N2507P Datasheet
126Kb / 7P
   250V - 50A - MOS FET 250V - 50A - MOS FET
Sep 12, 2012
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com