Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6CK-1114P-UC24VDC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6CK-1114P-UC24VDC
Description  PCB Power Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CK-1114P-UC24VDC Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6CK-1114P-UC24VDC Datasheet HTML 1Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 2Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 3Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 4Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 5Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 6Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 7Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 8Page - Omron Electronics LLC G6CK-1114P-UC24VDC Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
107
Text
106
Text
Model Number Legend
SPST-NO Type Breaks 10-A Loads;
SPST-NO + SPST-NC Type Breaks
8-A Load
ROHS compliant
Compact: 20 x 15 x 10 mm (L x W x H).
Low power consumption: 200 mW.
Flux protection or fully sealed construction
available.
Unique moving loop armature reduces relay
size, magnetic interference, and contact
bounce.
Single- and double-winding latching types
also available
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G6C-1117P-US 12 VDC
G6C
-
-
VDC
12
34 5
6
7
1. Relay Function
None: Single-side stable
U:
Single-winding latching
K:
Double-winding latching
2. Contact Form
11:
SPST-NO
21:
SPST-NO + SPST-NC
3. Contact Type
1: Standard
4. Enclosure Ratings
7: Flux protection
4: Fully sealed
5. Terminals
P:
Straight PCB
C:
Self-clinching PCB
6. Approved Standards
US: UL/CSA certified
7. Rated Coil Voltage
3, 5, 6, 12, 24 VDC
Ordering Information
Classification
Contact form
Straight PCB
Self-clinching PCB
Flux protection
Fully sealed
Flux protection
Fully sealed
Single-side stable
SPST-NO
G6C-1117P-US
G6C-1114P-US
G6C-1117C-US
G6C-1114C-US
SPST-NO + SPST-NC G6C-2117P-US
G6C-2114P-US
G6C-2117C-US
G6C-2114C-US
SPST-NO
G6CU-1117P-US
G6CU-1114P-US
G6CU-1117C-US
G6CU-1114C-US
SPST-NO + SPST-NC G6CU-2117P-US
G6CU-2114P-US
G6CU-2117C-US
G6CU-2114C-US
SPST-NO
G6CK-1117P-US
G6CK-1114P-US
G6CK-1117C-US
G6CK-1114C-US
SPST-NO + SPST-NC G6CK-2117P-US
G6CK-2114P-US
G6CK-2117C-US
G6CK-2114C-US
Single-winding
latching
Double-winding
latching
PCB Power Relay – G6C
PCB Power Relay – G5CA
Installation
Make sure that sufficient space is provided between relays when
installing two or more relays side by side to facilitate heat
dissipation. Insufficient heat dissipation may result in the relay
malfunctioning.
Quick-connect Terminal Connections
• Do
not
pass
current
through
the
PCB
of
the
load
contactterminals (quick-connect terminals).
• The terminals are compatible with Faston receptacle #187
and are suitable for positive-lock mounting.
Use only Faston terminals with the specified numbers. Select
leads for connecting Faston receptacles with wire diameters
that are within the allowable range for the load current. Do not
apply excessive force to the terminals when mounting or
dismounting the Faston receptacle.
Insert and remove terminals carefully one at a time. Do not insert
terminals on an angle, or insert/remove multiple terminals at the
same time.
The following positive-lock connectors made by AMP are
recommended. Contact the manufacturer directly for details on
connectors including availability.
Charged Terminals
The section marked with dotted circles (indicated by arrows) in
the following diagram includes the charged terminals of the relay.
When the relay is mounted on a PCB, make sure that there are no
metal patterns on the section of the PCB facing the portion of the
relay shaded in the following diagram.
Other Precautions
• The G5CA is a power relay designed for applications switching
power loads such as heaters in electric household appliances.
Do not use the G5CA to switch micro loads less than 100 mA,
such as in signal applications.
• Use fully sealed models if the relays will require washing.
Fluxprotection
models
may
malfunction
or
the
relay's
performance may be otherwise adversely affected if cleaning
fluid enters the relay.
Precautions
ALL DIMENSIONS SHOWN ARE IN MILLIMETRES.
To convert millimetres into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Precautions for Correct Use
Type
Type Receptacle terminals (See note.)
Positive housing
#187 terminals (width: 4.75 mm) AMP 170330-1 (170324-1)
AMP 172074-1 (natural color)
AMP 170331-1 (170325-1)
AMP 172074-4 (yellow)
AMP 170332-1 (170326-1)
AMP 172074-5 (green)
AMP 172074-6 (blue)
Note: The numbers shown in parentheses are for air-feeding
CAT. No. J151-E2-02A-X
Omron 08 Cat 1-302
5/10/07
15:39
Page 106


Similar Part No. - G6CK-1114P-UC24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CK-1114P-US OMRON-G6CK-1114P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6CK-1114P-US OMRON-G6CK-1114P-US Datasheet
594Kb / 12P
   Power PCB Relay
G6CK-1114P-US OMRON-G6CK-1114P-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6CK-1114P-UC24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com