Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA614 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSA614
Description  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA614 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSA614 Datasheet HTML 1Page - Fairchild Semiconductor KSA614 Datasheet HTML 2Page - Fairchild Semiconductor KSA614 Datasheet HTML 3Page - Fairchild Semiconductor KSA614 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector- Base Voltage
- 80
V
VCEO
Collector- Emitter Voltage
- 55
V
VEBO
Emitter- Base Voltage
- 5
V
IC
Collector Current
- 3
A
PC
Collector Dissipation (TC=25°C)
25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = - 500µA, IE = 0
- 80
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = - 10mA, IB = 0
- 55
V
BVEBO
Emitter-Base Breakdown Voltage
IE = - 500µA, IC = 0
- 5
V
ICBO
Collector Cut-off Current
VCB = - 50V, IE = 0
- 50
µA
hFE
DC Current Gain
VCE = - 5V, IC = - 0.5A
40
240
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 1A, IB = - 0.1A
- 0.15
- 0.5
V
Classification
R
O
Y
hFE
40 ~ 80
70 ~ 140
120 ~ 240
KSA614
Low Frequency Power Amplifier
Power Regulator
• Collector-Base Voltage : VCBO= -80V
• Collector Dissipation : PC=25W (TC=25°C)
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - KSA614

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
KSA614 SAVANTIC-KSA614 Datasheet
119Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
KSA614 ISC-KSA614 Datasheet
117Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
KSA614 SAVANTIC-KSA614 Datasheet
121Kb / 3P
   Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
KSA614 FOSHAN-KSA614 Datasheet
955Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
logo
Jiangsu Changjiang Elec...
KSA614F JIANGSU-KSA614F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results

Similar Description - KSA614

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com