Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5317-2.8YD5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5317-2.8YD5
Description  High-Performance Single 150mA LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5317-2.8YD5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5317-2.8YD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5317-2.8YD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MIC5317
August 23, 2013
3
Revision 1.0
Pin Configuration
4-Pin 1mm × 1mm Thin DFN (MT)
(Top View)
5-Pin SOT23 (D5) / TSOT23 (M5)
(Top View)
Pin Description
Pin
Number
Pin Name
TDFN-4
Pin Name
SOT23-5
Pin Name
TSOT23-5
Pin Function
1
VOUT
Output Voltage.
1
VIN
VIN
Supply Input.
2
GND
GND
GND
Ground.
3
EN
EN
EN
Enable Input: Active High. High = ON; Low = OFF. Do not leave
floating.
4
VIN
Supply Input.
4
NC
NC
No connect. Not internally connected.
5
VOUT
VOUT
Output Voltage.
EP
ePad
NA
NA
Exposed Heatsink Pad, connect to Ground.


Similar Part No. - MIC5317-2.8YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5317-2.8YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com