Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC24420YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC24420YML
Description  2.5A Dual Output PWM Synchronous Buck Regulator IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24420YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC24420YML Datasheet HTML 4Page - Micrel Semiconductor MIC24420YML Datasheet HTML 5Page - Micrel Semiconductor MIC24420YML Datasheet HTML 6Page - Micrel Semiconductor MIC24420YML Datasheet HTML 7Page - Micrel Semiconductor MIC24420YML Datasheet HTML 8Page - Micrel Semiconductor MIC24420YML Datasheet HTML 9Page - Micrel Semiconductor MIC24420YML Datasheet HTML 10Page - Micrel Semiconductor MIC24420YML Datasheet HTML 11Page - Micrel Semiconductor MIC24420YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Micrel, Inc.
MIC24420/MIC24421
June 2012
8
M9999-062012-C
Functional Characteristics (Continued)


Similar Part No. - MIC24420YML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
   I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
MIC24045-2ZYFL MICROCHIP-MIC24045-2ZYFL Datasheet
979Kb / 46P
   I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
More results

Similar Description - MIC24420YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC25400 MICREL-MIC25400 Datasheet
731Kb / 27P
   2A Dual Output PWM Synchronous Buck Regulator IC
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178_05 Datasheet
179Kb / 15P
   2.5A Synchronous Buck Regulator
MIC2150 MICREL-MIC2150 Datasheet
803Kb / 27P
   2-Phase Dual Output PWM Synchronous Buck Control IC
MIC2155_0911 MICREL-MIC2155_0911 Datasheet
623Kb / 35P
   Two-Phase, Single-Output, PWM Synchronous Buck Control IC
MIC2155 MICREL-MIC2155 Datasheet
644Kb / 33P
   2-Phase, Single Output, PWM Synchronous Buck Control IC
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Micrel Semiconductor
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com