Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC24056 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC24056
Description  12V, 12A High-Efficiency Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24056 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC24056 Datasheet HTML 4Page - Micrel Semiconductor MIC24056 Datasheet HTML 5Page - Micrel Semiconductor MIC24056 Datasheet HTML 6Page - Micrel Semiconductor MIC24056 Datasheet HTML 7Page - Micrel Semiconductor MIC24056 Datasheet HTML 8Page - Micrel Semiconductor MIC24056 Datasheet HTML 9Page - Micrel Semiconductor MIC24056 Datasheet HTML 10Page - Micrel Semiconductor MIC24056 Datasheet HTML 11Page - Micrel Semiconductor MIC24056 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Micrel, Inc.
MIC24056
December 2012
8
M9999-121012-A
Typical Characteristics (Continued)
0.792
0.796
0.800
0.804
0.808
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Feedback Voltage
vs. Output Current
VIN = 12V
V
OUT = 1.8V
1.782
1.787
1.791
1.796
1.800
1.805
1.810
1.814
1.819
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Output Voltage
vs. Output Current
VIN = 12V
V
OUT = 1.8V
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Line Regulation
vs. Output Current
VIN = 4.5V to 19V
V
OUT = 1.8V
500
550
600
650
700
3
4.5
6
7.5
9
10.5
12
OUTPUT CURRENT (A)
Switching Frequency
vs. Output Current
VIN = 12V
V
OUT = 1.8V
3.0
3.4
3.8
4.2
4.6
5.0
0
3
6
9
12
15
OUTPUT CURRENT (A)
Output Voltage (VIN = 5V)
vs. Output Current
T
A
25ºC
85ºC
125º
VIN = 5V
V
FB < 0.8V
50
55
60
65
70
75
80
85
90
95
100
0
3
6
9
12
15
OUTPUT CURRENT (A)
Efficiency (VIN = 5V)
vs. Output Current
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
3
6
9
12
OUTPUT CURRENT (A)
IC Power Dissipation (VIN = 5V)
vs. Output Current
VIN = 5V
V
OUT = 3.3V
V
OUT = 0.8V
0
20
40
60
80
100
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Die Temperature* (VIN = 5V)
vs. Output Current
VIN = 5V
V
OUT = 1.8V
50
55
60
65
70
75
80
85
90
95
100
0
3
6
9
12
15
OUTPUT CURRENT (A)
Efficiency (VIN = 12V)
vs. Output Current
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 12V
Die Temperature* : The temperature measurement was taken at the hottest point on the MIC24056 case mounted on a 5 square inch 4 layer, 0.62 inch,
FR-4 PCB with 2oz finish copper weight per layer; see Thermal Measurement section. Actual results will depend upon the size of the PCB, ambient
temperature and proximity to other heat emitting components.


Similar Part No. - MIC24056

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Micrel Semiconductor
MIC24051YJL MICREL-MIC24051YJL Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051YJL MICROCHIP-MIC24051YJL Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
More results

Similar Description - MIC24056

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-12 ETC2-ZSPM4022-12 Datasheet
1Mb / 38P
   12V/12A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-12 RENESAS-ZSPM4022-12 Datasheet
1Mb / 37P
   12V/12A Synchronous DC/DC Buck Regulator
January 29, 2016
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com