Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC24055 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC24055
Description  12V, 12A High-Efficiency Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24055 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC24055 Datasheet HTML 1Page - Micrel Semiconductor MIC24055 Datasheet HTML 2Page - Micrel Semiconductor MIC24055 Datasheet HTML 3Page - Micrel Semiconductor MIC24055 Datasheet HTML 4Page - Micrel Semiconductor MIC24055 Datasheet HTML 5Page - Micrel Semiconductor MIC24055 Datasheet HTML 6Page - Micrel Semiconductor MIC24055 Datasheet HTML 7Page - Micrel Semiconductor MIC24055 Datasheet HTML 8Page - Micrel Semiconductor MIC24055 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Micrel, Inc.
MIC24055
December 2012
2
M9999-120712-A
Ordering Information
Part Number
Switching Frequency
Voltage
Package
Junction Temperature
Range
Lead Finish
MIC24055YJL
600kHz
Adjustable
28-Pin 5mm
× 6mm QFN
−40°C to +125°C
Pb-Free
Pin Configuration
28-Pin 5mm
× 6mm QFN (JL)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
PVDD
5V Internal Linear Regulator Output. PVDD supply is the power MOSFET gate drive supply voltage
and created by internal LDO from VIN. When VIN
< +5.5V, PVDD should be tied to PVIN pins. A
2.2µF ceramic capacitor from the PVDD pin to PGND (Pin 2) must be place next to the IC.
2, 5, 6, 7, 8,
21
PGND
Power Ground. PGND is the ground path for the MIC24055 buck converter power stage. The
PGND pins connect to the low-side N-Channel internal MOSFET gate drive supply ground, the
sources of the MOSFETs, the negative terminals of input capacitors, and the negative terminals of
output capacitors. The loop for the power ground should be as small as possible and separate from
the signal ground (SGND) loop.
3
NC
No Connect.
4, 9, 10,
11, 12
SW
Switch Node Output. Internal connection for the high-side MOSFET source and low-side MOSFET
drain. Due to the high-speed switching on this pin, the SW pin should be routed away from sensitive
nodes.
13,14,15,
16,17,18,19
PVIN
High-Side N-Internal MOSFET Drain Connection input. The PVIN operating voltage range is from
4.5V to 19V. Input capacitors between the PVIN pins and the power ground (PGND) are required to
keep the connection short.
20
BST
Boost Output. Bootstrapped voltage to the high-side N-channel MOSFET driver. A Schottky diode is
connected between the PVDD pin and the BST pin. A boost capacitor of 0.1μF is connected between
the BST pin and the SW pin. Adding a small resistor at the BST pin can slow down the turn-on time
of high-side N-Channel MOSFETs.


Similar Part No. - MIC24055

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Micrel Semiconductor
MIC24051YJL MICREL-MIC24051YJL Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051YJL MICROCHIP-MIC24051YJL Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
More results

Similar Description - MIC24055

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
   12V, 12A High-Efficiency Buck Regulator
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-12 ETC2-ZSPM4022-12 Datasheet
1Mb / 38P
   12V/12A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-12 RENESAS-ZSPM4022-12 Datasheet
1Mb / 37P
   12V/12A Synchronous DC/DC Buck Regulator
January 29, 2016
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com