Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-K-1Z4 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G2R-K-1Z4
Description  PCB Power Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-K-1Z4 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G2R-K-1Z4 Datasheet HTML 4Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 5Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 6Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 7Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 8Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 9Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 10Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 11Page - Omron Electronics LLC G2R-K-1Z4 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
G2R
PCB Power Relay
G
2
R
G2RK-1A, G2RK-1
G2RK-2A, G2RK-2
G2R-14, G2R-1A4
G2R-24, G2R-2A4
G2R-1Z4, G2R-1AZ4
● Ambient Temperature vs. Maximum
Coil Voltage
● Ambient Temperature vs. Must
Operate and Must Release Voltage
G2R-1
G2R-2
Note: The maximum coil voltage refers to the maximum
value in a varying range of operating power voltage,
not a continuous voltage.
● Shock Malfunction
G2R-1
Number of Relays: 5 pcs
G2R-2
Number of Relays: 5 pcs
● Keep-power decrement with time
G2RK-1
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
2.5
3
3.5
4
5
6
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
1.5
2
2.5
3
4
250 VAC/30 VDC
resistive load
30 VDC inductive load
(L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Fully Sealed Relays
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
2
4
6
8
10
12
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
1.5
2
2.5
3
4
5
6
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
3
4
5
6
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Ambient temperature (°C)
250
200
150
100
50
0
−25
20
30
40
50
60
70
80
90 100
DC coil
AC coil
170
140
110
100
80
60
40
20
0
−60
−40
−20
0
20
40
60
80
Ambient temperature (°C)
Sample: G2R-1
Number of Relays: 5 pcs
max.
min.
X
max.
min.
X
Must operate voltage
Must release voltage
100
80
60
40
20
0
−60
−40
−20
0
20
40
60
80
Ambient temperature (°C)
Sample: G2R-2
Number of Relays: 5 pcs
max.
min.
X
max.
min.
X
Must operate voltage
Must release voltage
Z
Z'
Shock direction
Unit: m/s2
Y
Y
Y'
Y'
X
X
X'
X'
SPST-NO (1a)
SPST-NC (1c)
1,000
1,000
800
600
400
200
200
400
600
800
Z
Z'
Test Conditions:
Shock is applied in
±X, ±Y, and ±Z
directions three times
each with and without
energizing the Relays
to check the number
of contact
malfunctions.
Requirement:
200 m/s2 when
energized; 100m/s2
when de-energized
Z
Z'
Shock direction
Unit: m/s2
Y
Y
Y'
Y'
X
X
X'
X'
SPST-NO (1a)
SPST-NC (1c)
1,000
1,000
800
600
400
200
200
400
600
800
Z
Z'
270
Test Conditions:
Shock is applied in
±X, ±Y, and ±Z
directions three times
each with and without
energizing the
Relays to check the
number of contact
malfunctions.
Requirement:
200 m/s2 when
energized; 100m/s2
when de-energized
Elapsed time (H)
Number of Relays: 50 pcs
Measurement: after the relay kept static by
applying a rated voltage, leave the relay at room
temperature of 20°C to 30°C, and high temperature
of 80°C ± 2°C respectively, to measure how the
keep-power varies with time.
50 100
500 1,000
5,000 10,000
160
140
120
100
80
60
40
20
0
MAX
MIN
)
MAX
MIN
)
Room
temperature
High
temperature


Similar Part No. - G2R-K-1Z4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1 OMRON-G2R-1 Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-K-1Z4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com