Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5317-1.8YM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5317-1.8YM5
Description  High-Performance Single 150mA LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5317-1.8YM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5317-1.8YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5317-1.8YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC5317
August 23, 2013
4
Revision 1.0
Absolute Maximum Ratings
(4)
Supply Voltage (VIN) ............................................... 0V to 7V
Enable Voltage (VEN).............................................. 0V to VIN
Power Dissipation (PD) ........................... Internally Limited
(6)
Lead Temperature (soldering, 10sec) ........................ 260°C
Junction Temperature (TJ) ........................–40°C to +150°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(7).................................................................. 2kV
Operating Ratings
(5)
Supply Voltage (VIN)............................................ 2.5V to 6V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1mm × 1mm Thin DFN-4 (
θ
JA) ......................... 240°C/W
SOT23-5 (
θ
JA) .................................................. 253°C/W
TSOT23-5 (
θ
JA) ................................................ 253°C/W
Electrical Characteristics
(8)
VIN = VEN = VOUT + 1V; CIN = COUT = 1µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
+2.0
%
Variation from nominal VOUT; –40°C to +125°C
–3.0
+3.0
Line Regulation
VIN = VOUT +1V to 6V; IOUT = 100µA
0.02
0.3
%
Load Regulation
(9)
IOUT = 100µA to 150mA
10
25
mV
Dropout Voltage
(10)
IOUT = 50mA; VOUT
≥ 2.8V
IOUT = 150mA; VOUT
≥ 2.8V
IOUT = 50mA; VOUT < 2.8V
IOUT = 150mA; VOUT < 2.8V
55
155
60
180
110
310
135
380
mV
Ground Pin Current
(11)
IOUT = 0mA
29
39
µA
Ground Pin Current in
Shutdown
VEN = 0V
0.05
1
µA
Ripple Rejection
f = up to 1kHz; COUT = 1µF
f = 1kHz – 10kHz; COUT = 1µF
80
65
dB
Current Limit
VOUT = 0V
200
325
550
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
200
µVRMS
Enable Input
Enable Input Voltage
Logic Low
0.2
V
Logic High
1.2
Enable Input Current
VIL
≤ 0.2V
0.01
1
µA
VIH
≥ 1.2V
0.01
1
Turn-on Time
COUT = 1µF; IOUT = 150mA
50
125
µs
Notes:
4.
Exceeding the absolute maximum ratings may damage the device.
5.
The device is not guaranteed to function outside its operating ratings.
6.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) –
TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
7.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
8.
Specification for packaged product only.
9.
Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects are
covered by the thermal regulation specification
10. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.5V, dropout voltage is the input-to-output differential with the minimum input voltage 2.5V.
11. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.


Similar Part No. - MIC5317-1.8YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5317-1.8YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com