Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0603 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # NP0603
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0603 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button NP0603 Datasheet HTML 5Page - YAGEO Corporation NP0603 Datasheet HTML 6Page - YAGEO Corporation NP0603 Datasheet HTML 7Page - YAGEO Corporation NP0603 Datasheet HTML 8Page - YAGEO Corporation NP0603 Datasheet HTML 9Page - YAGEO Corporation NP0603 Datasheet HTML 10Page - YAGEO Corporation NP0603 Datasheet HTML 11Page - YAGEO Corporation NP0603 Datasheet HTML 12Page - YAGEO Corporation NP0603 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
9
23
Product specification
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 7 Sizes from 1206 to 1210 (continued)
CAP.
1206
1210
Last 2-digit of
12NC
100 V
200 V
250 V
500 V
630 V
100 V
200 V
250 V
500 V
630 V
100 pF
36
120 pF
37
150 pF
38
180 pF
39
220 pF
41
270 pF
42
330 pF
43
390 pF
44
470 pF
45
560 pF
46
680 pF
47
0.6±0.1
0.6±0.1
0.6±0.1
820 pF
48
1.0 nF
49
1.25±0.2
1.25±0.2
1.2 nF
51
1.5 nF
52
0.85±0.1 0.85±0.1 0.85±0.1
1.8 nF
53
1.6±0.2
2.2 nF
54
1.25±0.2
1.25±0.2
2.7 nF
55
0.6±0.1
3.3 nF
56
3.9 nF
57
1.25±0.2 1.25±0.2
4.7 nF
58
5.6 nF
59
1.25±0.2 1.25±0.2
6.8 nF
61
0.85±0.1
8.2 nF
62
10 nF
63
1.25±0.2
12 nF
64
15 nF
65
1.25±0.2
18 nF
66
22 nF
67
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request


Similar Part No. - NP0603

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NP061A3 PANASONIC-NP061A3 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar transistor
NP062A1 PANASONIC-NP062A1 Datasheet
82Kb / 3P
   Composite Transistors Silicon NPN epitaxial planar type
logo
ON Semiconductor
NP0640SAMCT3G ONSEMI-NP0640SAMCT3G Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SAT3G ONSEMI-NP0640SAT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
NP0640SBMCT3G ONSEMI-NP0640SBMCT3G Datasheet
135Kb / 7P
   80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
More results

Similar Description - NP0603

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com