Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFR-50 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # MFR-50
Description  General Type Normal Miniatyre Style MFR Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFR-50 Datasheet(HTML) 2 Page - YAGEO Corporation

  MFR-50 Datasheet HTML 1Page - YAGEO Corporation MFR-50 Datasheet HTML 2Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: RCWV(Rated Continuous Working Voltage) = Power Rating x Resistance Value or Max. working voltage listed above, whichever less.
Revision: 201304
Note:
5
eleCTriCAl ChArACTerisTiCs
sTYle
MFr-12
MFr25s MFr-25
MFr50s MFr-50
MFr1Ws MFr100
MFr2Ws MFr200 MFr3Ws
Power Rating at 70°C
1/6W
1/4W
1/2W
1W
2W
3W
Maximum Working Voltage
200V
250V
300V
350V
400V
500V
Maximum Overload Voltage
400V
500V
600V
700V
800V
1,000V
Voltage Proof on Insulation
300V
400V
500V
700V
1,000V
Resistance Range
1Ω - 10MΩ & 0Ω for E24 & E96 series value
Operating Temp. Range
-55°C to +155°C
Temperature Coefficient
±15ppm/°C, ±25ppm/°C, ±50ppm/°C, ±100ppm/°C
Note: Special value is available on request
eNViroNMeNTAl ChArACTerisTiCs
PerForMANCe TesT
TesT MeThoD
APPrAise
Short Time Overload
IEC 60115-1 4.13
2.5 times RCWV for 5 Sec.
±0.25%+0.05Ω
Voltage Proof on Insulation
IEC 60115-1 4.7
in V-block for 60 Sec., test voltage by type
By type
Temperature Coefficient
IEC 60115-1 4.8
-55°C to +155°C
By type
Insulation Resistance
IEC 60115-1 4.6
in V-block for 60 Sec.
>10,000MΩ
Solderability
IEC 60115-1 4.17
235±5°C for 3±0.5 Sec.
95% Min. coverage
Solvent Resistance of Marking
IEC 60115-1 4.30
IPA for 5±0.5 Min. with ultrasonic
No deterioration of
coatings and markings
Robustness of Terminations
IEC 60115-1 4.16
Direct load for 10 Sec. in the direction of the terminal leads
≥2.5kg (24.5N)
Periodic-pulse Overload
IEC 60115-1 4.39
4 times RCWV 10,000 cycles (1 Sec. on, 25 Sec. off)
±1.0%+0.05Ω
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C, 90-95% RH for 56 days, loaded with 0.1 times RCWV
±1.5%+0.05Ω
Endurance at 70°C
IEC 60115-1 4.25
70±2°C at RCWV for 1,000 Hr. (1.5 Hr. on, 0.5 Hr. off)
±1.5%+0.05Ω
Temperature Cycling
IEC 60115-1 4.19
-55°C
 RoomTemp.  +155°C  RoomTemp. (5 cycles)
±0.75%+0.05Ω
Resistance to Soldering Heat
IEC 60115-1 4.18
260±3°C for 10±1 Sec., immersed to a point 3±0.5mm from the body
±0.25%+0.05Ω


Similar Part No. - MFR-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR-50 ETC1-MFR-50 Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR-50

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
FKN2WSJT73-0R5 YAGEO-FKN2WSJT73-0R5 Datasheet
296Kb / 2P
   Flame-Proof Type Normal & Miniature Style [ FKN Series ]
logo
List of Unclassifed Man...
CFR-25JT-52 ETC2-CFR-25JT-52 Datasheet
131Kb / 2P
   Normal & Miniature Style CFR Series
logo
YAGEO Corporation
FKN300FR-73-15R YAGEO-FKN300FR-73-15R Datasheet
247Kb / 2P
   Fusible & Flame-Proof Type Normal & Miniature Style [ FKN Series ]
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
RMF TAITRON-RMF Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
logo
OKI electronic componet...
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Micro Commercial Compon...
MLV3225L180PT MCC-MLV3225L180PT Datasheet
308Kb / 2P
   Normal Type Multilayer Varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com