Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-K-2AZ4-T Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G2R-K-2AZ4-T
Description  PCB Power Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-K-2AZ4-T Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G2R-K-2AZ4-T Datasheet HTML 6Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 7Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 8Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 9Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 10Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 11Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 12Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 13Page - Omron Electronics LLC G2R-K-2AZ4-T Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
G2R
PCB Power Relay
G
2
R
1
0.5
0.5
0.15
0.3
4
(0.3)
25.5 max.
(25.2)*
29 max.
(28.8)*
13 max.
(12.7)*
* Average value
1
8
2
3
76
4
5
2.5
2.5
(2.1)
20
(2.1)
55
(2.7)
7.5
Eight, 1.3-dia. holes
(No coil polarity)
Relays with PCB Terminals
(DPDT (2c) Relays)
G2R-2(-Z)
G2R-2-H
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
1
0.5
0.3
0.15
4
(0.3)
25.5 max.
(25.2)*
29 max.
(28.8)*
13 max.
(12.7)*
* Average value
1
8
3
6
4
5
2.5
2.5
(2.1)
20
(2.1)
5
(2.7)
7.5
Six, 1.3-dia. holes
(No coil polarity)
Relays with PCB Terminals
(DPST-NO (2a) Relays)
G2R-2A
G2R-2A-H
G2R-2A-Z
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
* Average value
1
0.5
0.5
0.15
0.3
4
25.5 max.
(24.7)*
29 max.
(28.6)*
13.5 max.
(12.8)*
1
8
2
3
76
4
5
2.5
2.5
(2.1)
20
(2.1)
55
(2.7)
7.5
Eight, 1.3-dia. holes
(No coil polarity)
Relays with PCB Terminals
(DPDT (2c) Relays)
G2R-24(-Z)(-U)
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
* Average value
1
0.5
0.15
0.3
4
25.5 max.
29 max.
(28.6)*
13.5 max.
(12.8)*
1
8
3
6
4
5
2.5
2.5
(2.1)
20
(2.1)
5
(2.7)
7.5
Six, 1.3-dia. holes
(No coil polarity)
Relays with PCB Terminals
(DPST-NO (2a) Relays)
G2R-2A4(-Z)(-U)
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
Note: Orientation marks are indicated as follows:


Similar Part No. - G2R-K-2AZ4-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1 OMRON-G2R-1 Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-K-2AZ4-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com