Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1W-TC103 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CJ1W-TC103
Description  CJ1 Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-TC103 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CJ1W-TC103 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-TC103 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-TC103 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-TC103 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-TC103 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-TC103 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-TC103 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-TC103 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications
• I/O capacity: CJ1M: 640 I/O and CJ1G: 2560 I/O
• Program capacity: CJ1M: 5K to 20K steps
CJ1G/H: 10K to 120K steps
• Processing speed: CJ1M: 0.1 μs (using Load instruction)
CJ1G/H: up to 0.02 μs
• Communications: Ethernet, Controller Link, DeviceNet, PROFIBUS-DP, Serial, CompoBus/S
• Real-time clock: Yes
• Supply voltage: 100 to 240 VAC or 24 VDC
• Dimensions: 90 H x 65 D mm; width depends on model; I/O units are 20 or 31 mm wide
Applications
Reflow oven uses the CJ1G for temperature monitoring
and control, and data logging
Small scale machines that do positioning use CJ1M with
pulse I/O and built-in inputs/outputs
Typical Configuration
Basic Configuration
A CJ1 Series basic configuration
consists of a CPU, power supply unit,
and up to 10 basic I/O, special I/O and
bus units, and an end cover. Add up the
current consumption for all the modules
and the CPU, then select the power
supply unit suitable for the application.
CPU and Expansion Racks
If the number of modules per rack
exceeds 10 or the current consumption
is greater than the capacity of the
power supply units, use the CPU and
expansion rack configuration. This
divides the load from the modules
across two power supply units. To allow
communication and automatic channel
assignment in programming, order an
I/O control module for the CPU rack and
an I/O interface module on each
expansion rack.
Power
Supply Unit
Memory Card
CPU Unit
I/O Control Unit
Up to 10 Configuration Units
(Basic I/O Units, Special I/O
Units, CPU Bus Units)
End Cover
Power
Supply Unit
I/O Interface Unit
Up to 10 Configuration Units
(Basic I/O Units, Special I/O
Units, CPU Bus Units)
End Cover
I/O Connecting
Cable


Similar Part No. - CJ1W-TC103

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-TCjjj OMRON-CJ1W-TCjjj Datasheet
480Kb / 5P
   Reference Information
More results

Similar Description - CJ1W-TC103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com