Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1W-OD261 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CJ1W-OD261
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-OD261 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CJ1W-OD261 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CJ1 Ordering Guide
B-120 Programmable Controller
CJ1
Products for Programming
J Programming Software and Cables
Item
Description/Specifications
Standards
Part number
CX-Programmer
Windows-based
Programming Device
OS: Windows 95, 98, ME,
NT4.0, or 2000
Connected to the peripheral port
or RS-232C port on the CPU or
connected to the RS-232C port
on a Serial Communications
Module.
WS02-CXPC1-E-Vjj
Programming Device
Connecting Cables
(for peripheral port)
Conversion cable to connect RS-232C cable to peripheral port.
Connects DOS computers, D-Sub 9-pin receptacle;
length: 0.1 m
CE
CS1W-CN118
(
p
p
p
)
Connects DOS computers,
D-Sub 9-pin; length: 2.0 m
Used for Peripheral Bus or Host
Link.
CS1W-CN226
Connects DOS computers,
D-Sub 9-pin; length: 6.0 m
CS1W-CN626
Programming Device
Connecting Cables
(f
RS 232C
t)
Connects DOS computers, D-Sub 9-pin; length: 2.0 m
C200H-CN229-EU
g
(for RS-232C port)
CBL-202*
USB to serial 9-pin
adapter
Converts PC USB port to a PC serial 9-pin port for use with
Omron programming cables.
CS1W-C1F31
CX-Simulator
Windows-based Support Software for Windows 95/98/ME/NT or
Windows 2000. Simulates only CJ1 Series and CS1 Series
CPUs.
WS02-SIMC1-E
CX-Protocol
Windows-based Protocol Creation Software for Windows
95/98/ME/NT4.0/2000
WS02-PSTC1-E
J Programming Consoles
Item
Description/Specifications
Standards
Part number
Programming Consoles
An English Keyboard Sheet (CS1W-KS001-E) is required.
(Connects to peripheral port on CPU only.)
U, C, CE
CQM1H-PRO01-E
2-line bracket LCD display
U, C, N, CE
C200H-PRO27E
Programming Console
Key Sheet
Connects CQM1H-PRO01-E, or C200H-PRO27-E Programming
Console to the CPU
CE
CS1W-KS001-E
Programming Console
Connecting Cables
Connects the C200H-PRO27-E
Programming Console to the CPU
Cable length: 2 m
CS1W-CN224
Programming Console
Connecting Cables
Connects the C200H-PRO27-E
Programming Console to the CPU
Cable length: 6 m
CS1W-CN624
* Available in Canada only.


Similar Part No. - CJ1W-OD261

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-OD261 OMRON-CJ1W-OD261 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1W-OD261 OMRON-CJ1W-OD261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-OD261 OMRON-CJ1W-OD261 Datasheet
480Kb / 5P
   Reference Information
More results

Similar Description - CJ1W-OD261

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com