Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2850 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # MC2850
Description  FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

MC2850 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  MC2850 Datasheet HTML 1Page - Isahaya Electronics Corporation MC2850 Datasheet HTML 2Page - Isahaya Electronics Corporation MC2850 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
〈SMALL-SIGNAL DIODE〉
MC2850
FOR GENERAL SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(SERIES TYPE)
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
MC2850 is a super mini package plastic seal type silicon epitaxial type
double diode, especially designed for general switching application.
Double and small pin capacitance(2pieces), suitable for protect circuit,
bias circuit.
FEATURE
●Small pin capacitance
●Double and super mini package for mounting
APPLICATION
For general switching of audio machine, VTR.
OUTLINE DRAWING
Unit:mm
INTERNAL CONNECTION
MARKING
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
RM
Peak reverse voltage
35
V
V
R
DC reverse voltage
30
V
I
FSM
Surge current(1μs)
4
A
I
FM
Peak forward current
300
mA
I
O
Average rectificationcurrent
100
mA
P
T
Total allowance dissipation
150
mW
T
j
Junction temperature
+150
T
stg
Storage temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Parameter
Symbol
Test conditions
Limits
Unit
Min
Typ
Max
Forward voltage
V
F1
I
F=1mA
-
0.75
1.0
V
V
F2
I
F=50mA
-
0.85
1.2
V
F3
I
F=100mA
-
0.90
1.4
Reverse current
I
R1
V
R=30V
-
-
0.1
μA
Pin capacitance
C
t
VR=0V,f=1MHz
D1
-
6
-
pF
D2
-
10
-
JEITA:SC-70
JEDEC:-
TERMINAL CONNECTER
①:ANODE1
②:CATHODE2
③:CATHODE1+ANODE2
A 7
D2
D1
1.25
0.425
2.1
0.425


Similar Part No. - MC2850

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
MC2850 ISAHAYA-MC2850 Datasheet
89Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
More results

Similar Description - MC2850

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
MC2845 ISAHAYA-MC2845_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2840 ISAHAYA-MC2840_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2839 ISAHAYA-MC2839 Datasheet
127Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC982 ISAHAYA-MC982_13 Datasheet
149Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2835 ISAHAYA-MC2835_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2850 ISAHAYA-MC2850 Datasheet
89Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
MC2845 ISAHAYA-MC2845 Datasheet
283Kb / 4P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
MC2835 ISAHAYA-MC2835 Datasheet
146Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
MC2844 ISAHAYA-MC2844 Datasheet
152Kb / 3P
   FOR HIGH SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2841 ISAHAYA-MC2841_10 Datasheet
134Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com