Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2103 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2103
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2103 Datasheet HTML 1Page - Micrel Semiconductor MIC2103 Datasheet HTML 2Page - Micrel Semiconductor MIC2103 Datasheet HTML 3Page - Micrel Semiconductor MIC2103 Datasheet HTML 4Page - Micrel Semiconductor MIC2103 Datasheet HTML 5Page - Micrel Semiconductor MIC2103 Datasheet HTML 6Page - Micrel Semiconductor MIC2103 Datasheet HTML 7Page - Micrel Semiconductor MIC2103 Datasheet HTML 8Page - Micrel Semiconductor MIC2103 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
5
M9999-080712-A
Electrical Characteristics
(4) (Continued)
VIN = 48V, VOUT = 5V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate 40°C ≤ TJ ≤ +125°C.
Oscillator
VFREQ = VIN
400
600
750
Switching Frequency
VFREQ = 50%VIN
300
kHz
Maximum Duty Cycle
85
%
Minimum Duty Cycle
VFB > 0.8V
0
%
Minimum Off-Time
140
200
260
ns
Soft Start
Soft-Start time
5
ms
Short Circuit Protection
Current-Limit Threshold
VFB = 0.79V
-30
-14
0
mV
Short-Circuit Threshold
VFB = 0V
-23
-7
9
mV
Current-Limit Source Current
VFB = 0.79V
60
80
100
µA
Short-Circuit Source Current
VFB = 0V
27
36
47
µA
FET Drivers
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA
VPVDD - 0.1V
Or
VBST - 0.1V
V
DH On-Resistance, High State
2.1
3.3
DH On-Resistance, Low State
1.8
3.3
DL On-Resistance, High State
1.8
3.3
DL On-Resistance, Low State
1.2
2.3
SW, BST Leakage Current
50
µA
Power Good
Power Good Threshold Voltage
Sweep VFB from Low to High
85
90
95
%VOUT
Power Good Hysteresis
Sweep VFB from High to Low
6
%VOUT
Power Good Delay Time
Sweep VFB from Low to High
100
µs
Power Good Low Voltage
VFB < 90% x VNOM, IPG = 1mA
70
200
mV
Thermal Protection
Over-Temperature Shutdown
TJ Rising
160
°C
Over-Temperature Shutdown Hysteresis
4
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
3. The device is not guaranteed to function outside operating range.
4. Specification for packaged product only.
5. The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have low voltage VTH.


Similar Part No. - MIC2103

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
logo
Micrel Semiconductor
MIC2103YML MICREL-MIC2103YML Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103YML-TR MICROCHIP-MIC2103YML-TR Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
More results

Similar Description - MIC2103

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
   Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
   Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
logo
Microchip Technology
MIC2128 MICROCHIP-MIC2128 Datasheet
645Kb / 32P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com