Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1W-MD232 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CJ1W-MD232
Description  CJ1 SYSTEM POWER AND EXPANSION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-MD232 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CJ1W-MD232 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-MD232 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
System Power and Expansion
B-110 Programmable Controller
CJ1
Current Consumption
Calculate All Aspects of Current Consumption
J Calculating Maximum Current Consumption
A. Calculate Maximum Current Supply (See the table below.)
Current required at 5 VDC by all Modules in column (A)
≤ Maximum current consumption shown in table
Current required at 24 VDC by all Modules in column (B)
≤ Maximum current consumption shown in table
Current required at 24 VDC for service power supply in column (C)
≤ Maximum current consumption shown in table
B. Calculate Maximum Total Power Supply (See the table below.)
A
× 5VDC +B × 24 VDC + C × 24 VDC ≤ Maximum total power consumption shown in column (D)
The amount of current/power that can be supplied to the Modules mounted in a Rack is limited by the capacity of the
Power Supply Unit.
Design the system so that the total current consumption of the Modules does not exceed the maximum current for
each voltage group and the total power consumption does not exceed the maximum for the Power Supply Unit.
Reference Table for Maximum Current Consumption
The following table shows the maximum currents and power that can be supplied by Power Supply Units on CPU Racks
and Expansion Racks.
Power Supply Unit
Maximum current consumption
(D) Maximum total
ti
pp y
(A) 5-V group
(B) 24-V group
relay driver power supply
(C) 24-V group
service power supply
( )
power consumption
CJ1W-PA205R
5.0 A
0.8 A
None
25 W
CJ1W-PA202
2.8 A
0.4 A
None
14 W
CJ1W-PD025
5.0 A
0.8 A
None
25 W
Note:1. When calculating current/power consumption in a CPU Rack — be sure to include the power required by the
CPU itself. When expanding the configuration, be sure to include the power required by the I/O Control Module.
2. When calculating current/power consumption in an Expansion Rack — be sure to include the power required by
the I/O Interface Module itself.
J Example Calculations
In this example, the following modules are mounted to a CJ1 Series CPU Rack with a CJ1W-PA205R Power Supply Unit.
Module
Model
Quantity
5VDC
24 VDC
CPU
CJ1G-CPU45
1
0.910 A
I/O Control Module
CJ1W-IC101
1
0.020 A
Input Modules
CJ1W-ID211
2
0.080 A
p
CJ1W-ID231
2
0.090 A
Output Modules
CJ1W-OC201
2
0.090 A
0.048 A
Special I/O Module
CJ1W-DA041
1
0.120 A
CPU Bus Module
CJ1W-CLK21
1
0.350 A
Current
consumption
Calculation
0.910+0.020+0.080
×2+0.090×2+
0.090
×2+0.120+0.350
0.048 A
×2
Result
1.92 A (
≦5.0 A)
0.096 A (
≦0.8 A)
Power consumption
Calculation
1.92
×5V=9.60 W
0.096 A
×24 V = 2.304 W
p
Result
9.60+2.304 = 11.904 W (
≦25 W)


Similar Part No. - CJ1W-MD232

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-MD232 OMRON-CJ1W-MD232 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-MD232 OMRON-CJ1W-MD232 Datasheet
480Kb / 5P
   Reference Information
More results

Similar Description - CJ1W-MD232

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-CIF11 OMRON-CJ1W-CIF11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
   Automotive battery cut-off circuit and airbag system expansion IC
July 2021 Rev 5
logo
Advantech Co., Ltd.
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
   Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
logo
List of Unclassifed Man...
CY8CKIT-035 ETC2-CY8CKIT-035 Datasheet
2Mb / 49P
   POWER MANAGEMENT EXPANSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com