Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1W-OC211 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CJ1W-OC211
Description  CJ1 SYSTEM POWER AND EXPANSION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-OC211 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CJ1W-OC211 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 9Page - Omron Electronics LLC CJ1W-OC211 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
System Power and Expansion
B-116 Programmable Controller
CJ1
CPU Rack Configuration Checklist
J CPU Rack Configuration
Item
Products
Requirements
CJ1 Series
CPU Rack
CJ1 Series CPU
(Provided with 1 End Cover as a
standard accessory.)
One of each Module required for every CPU Rack.
CJ1 Series Power Supply Unit
CJ1 Series Basic I/O Module
Total number of Modules: 10 Modules max.
(M
ti
11
M d l
ill
lt i
f t l
)
CJ1 Series Special I/O Module
(Mounting 11 or more Modules will result in a fatal error.)
CJ1 Series CPU Bus Module
End Cover (CJ1W-TER01)
Required on the right-hand side of CJ1 Series CPU Racks. (One End Cover is
provided with each CPU as a standard accessory. Not mounting an End Cover on
the right-hand side of the CPU Rack will result in a fatal error.)
Memory Card
Install as required.
I/O Control Module
(CJ1W-IC101)
Required for connection to CJ1 Series Expansion Racks. Connect to the right-hand
side of the CPU Rack.
I/O Connecting Cable
Required for connecting CPU Racks to Expansion Racks.
J Products Used in CPU Racks
Item
Model
Specifications
CJ1 Series
CPUs
CJ1H-CPU66H
I/O bits: 2,560 (3 Expansion Racks), program capacity: 120K steps, LD execution time: 0.02
µs, Data
Memory: 256K words (DM: 32K words, EM: 32K words x 7 banks)
CJ1H-CPU65H
I/O bits: 2,560 (3 Expansion Racks), program capacity: 60K steps, LD execution time: 0.02
µs, Data
Memory: 128K words (DM: 32K words, EM: 32K words x 3 banks)
CJ1G-CPU45H
I/O bits: 1,280 (3 Expansion Racks), program capacity: 60K steps, LD execution time: 0.04
µs, Data
Memory: 128K words (DM: 32K words, EM: 32K words x 3 banks)
CJ1G-CPU44H
I/O bits: 1,280 (3 Expansion Racks), program capacity: 30K steps, LD execution time: 0.04
µs, Data
Memory: 64K words (DM: 32K words, EM: 32K words x 1 bank)
CJ1G-CPU43H
I/O bits: 960 (2 Expansion Racks), program capacity: 20K steps, LD execution time: 0.04
µs,
Data Memory: 64K words (DM: 32K words, EM: 32K words x 1 bank)
CJ1G-CPU42H
I/O bits: 960 (2 Expansion Racks), program capacity: 10K steps, LD execution time: 0.04
µs,
Data Memory: 64K words (DM: 32K words, EM: 32K words x 1 bank)
CJ1M-CPU23
I/O bits: 640 (1 Expansion Rack), program capacity: 20K steps, LD execution time: 0.1
µs,
Data Memory: 32K words, (No EM); built-in I/O: 10 inputs, 6 outputs
CJ1M-CPU22
I/O bits: 320 (No Expansion Racks), program capacity: 10K steps, LD execution time: 0.1
µs,
Data Memory: 32K words, (No EM); built-in I/O: 10 inputs, 6 outputs
CJ1M-CPU21
I/O bits: 160 (No Expansion Racks), program capacity: 5K steps, LD execution time: 0.1
µs,
Data Memory: 32K words, (No EM); built-in I/O: 10 inputs, 6 outputs
CJ1M-CPU13
I/O bits: 640 (1 Expansion Rack), program capacity: 20K steps, LD execution time: 0.1
µs,
Data Memory: 32K words, (No EM)
CJ1M-CPU12
I/O bits: 320 (No Expansion Racks), program capacity: 10K steps, LD execution time: 0.1
µs,
Data Memory: 32K words, (No EM)
CJ1M-CPU11
I/O bits: 160 (No Expansion Racks), program capacity: 5K steps, LD execution time: 0.1
µs,
Data Memory: 32K words, (No EM)
Battery Set
CPM2A-BAT01
Can also be used with CPM2A and CQM1H PLCs.
This battery cannot be used for CS1 Series PLCs.
CJ1W-BAT01
Can be used with CJ1M only.
This battery cannot be used for CJ1G/H or CS1 Series PLCs.
CJ1 Series
P
CJ1W-PA205R
100 to 240 VAC (with RUN output); output capacity: 5 A, 5 VDC
Power
Supply
CJ1W-PA202
100 to 240 VAC; output capacity: 2.8 A, 5 VDC
Supply
CJ1W-PD025
24 VDC; Output capacity: 5 A, 5 VDC
I/O Control
Module
CJ1W-IC101
Used to connect a CJ1 Series Expansion Rack to a CJ1 Series CPU Rack. Connect to the right-hand
side of the CPU. Connect to an I/O Interface Module mounted on a CJ1 Series Expansion Rack using
a CS1/CJ1 Series Connecting Cable.
End Cover
CJ1W-TER01
Required on the right-hand side of CJ1 Series CPU Racks. (Not mounting an End Cover on the
right-hand side of the CPU Rack will result in a fatal error.)
Note: One is provided with CPUs and I/O Interface Modules as a standard accessory.
Din Track
d
PFP-50N
Length: 50 cm; height: 7.3 mm
and
Accessories
PFP-100N
Length: 1 m; height: 7.3 mm
Accessories
PFP-100N2
Length: 1 m; height: 16 mm
PFP-M
There are two locking clips provided with each CPU and I/O Interface Module as standard accessories
to secure the Modules on the DIN Track.


Similar Part No. - CJ1W-OC211

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-OC211 OMRON-CJ1W-OC211 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-OC211 OMRON-CJ1W-OC211 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results

Similar Description - CJ1W-OC211

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-CIF11 OMRON-CJ1W-CIF11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
   Automotive battery cut-off circuit and airbag system expansion IC
July 2021 Rev 5
logo
Advantech Co., Ltd.
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
   Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
logo
List of Unclassifed Man...
CY8CKIT-035 ETC2-CY8CKIT-035 Datasheet
2Mb / 49P
   POWER MANAGEMENT EXPANSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com