Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-NA21 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3X-NA21
Description  Manual Fiber Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NA21 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3X-NA21 Datasheet HTML 6Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 7Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 8Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 9Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 10Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 11Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 12Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 13Page - Omron Electronics LLC E3X-NA21 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
E3X-NA
10
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the product in atmospheres or environments that exceed
product ratings.
Amplifier Units
● Designing
Communications Hole
The hole on the side of the Amplifier Unit is a communications hole for
preventing mutual interference when Amplifier Units are mounted
side-by-side. The E3X-MC11 Mobile Console (order separately)
cannot be used.
If an excessive amount of light is received via the Sensor, the mutual
interference prevention function may not work. In this case, make the
appropriate adjustments using the sensitivity adjuster.
The mutual interference prevention function will not operate when the
E3X-NA is used side-by-side with E3X-DA-N models.
● Mounting
DIN Track Mounting/Removal
Mounting Amplifier Units
1. Mount the Amplifier Units one at a time onto the DIN track.
2. Slide the Amplifier Units together, line up the clips, and press the
Amplifier Units together until they click into place.
Removing Amplifier Units
Slide Amplifier Units away from each other, and remove from the DIN
track one at a time. (Do not attempt to remove Amplifier Units from the
DIN track without separating them first.)
Fiber Connection and Disconnection
The E3X Amplifier Unit has a lock lever. Connect or disconnect the
fibers to or from the E3X Amplifier Unit using the following
procedures:
1. Connection
Open the Protective Cover, insert the fibers according to the fiber
insertion marks on the side of the Amplifier Unit, and lower the lock
lever.
2. Disconnection
Remove the Protective Cover and raise the lock lever to pull out the
fiber.
Note:To maintain the fiber properties, confirm that the lock is released
before removing the fiber.
3. Precautions for Fiber Connection/Disconnection
Be sure to lock or unlock the lock lever within an ambient temperature
range between 10 C and 40 C.
● Operating Environment
Ambient Conditions
If dust or dirt adhere to the hole for optical communications, it may
prevent normal communications. Be sure to remove any dust or dirt
before using the Units.
● Other
Protective Cover
Be sure to mount the Protective Cover before use.
WARNING
Precautions for Correct Use
Note: 1. The specifications for ambient temperature will vary according to the
number of Amplifier Units used together. For details, refer to Ratings
and Specifications.
2. Always turn OFF the power supply before mounting or removing
Amplifier Units.
Clip
Click into
place
Lock button
Fiber
Fiber insertion mark
10.7 mm
Insertion position
Locked
Unlocked
Protective cover


Similar Part No. - E3X-NA21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
More results

Similar Description - E3X-NA21

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3XNA11V2M OMRON-E3XNA11V2M Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com