Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-1010 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-1010
Description  Reflective Photomicrosensor with Sensitivity Adjuster
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-1010 Datasheet HTML 1Page - Omron Electronics LLC EE-1010 Datasheet HTML 2Page - Omron Electronics LLC EE-1010 Datasheet HTML 3Page - Omron Electronics LLC EE-1010 Datasheet HTML 4Page - Omron Electronics LLC EE-1010 Datasheet HTML 5Page - Omron Electronics LLC EE-1010 Datasheet HTML 6Page - Omron Electronics LLC EE-1010 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EE-SY671/672
2
Ratings and Specifications
Item
Models
EE-SY671, EE-SY672
Sensing distance
1 to 5 mm (Reflection factor: 90%; white paper 15
× 15 mm)
*1. The indicator is a GaP red LED
(peak wavelength: 690 nm).
*2. The response frequency was measured by
detecting the following rotating disk.
*3. The ambient illuminance is measured on the
surface of the receiver.
Sensing object
Transparent or opaque: 15
× 15 mm min.
Differential distance
0.5 max. (with a sensing distance of 3 mm, horizontally)
Light source
GaAs infrared LED with a peak wavelength of 940 nm
Indicator *1
Light indicator (red)
Supply voltage
5 to 24 VDC ±10%, ripple (p-p): 10% max.
Current consumption
40 mA max.
Control output
NPN open collector:
Load power supply voltage: 5 to 24 VDC
Load current: 100 mA max.
OFF current: 0.5 mA max.
100 mA load current with a residual voltage of 0.8 V max.
40 mA load current with a residual voltage of 0.4 V max.
Response frequency *2
50 Hz min. (Average: 500 Hz)
Ambient illumination *3
1,500 lx max. with fluorescent light on the surface of the receiver
Ambient temperature
range
Operating:
−25 to +55°C
Storage:
−30 to +80°C
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95%
Vibration resistance
Destruction: 20 to 2,000 Hz (peak acceleration: 100 m/s2)
1.5-mm double amplitude for 2 h (4-min periods) each in X,
Y, and Z directions
Shock resistance
Destruction: 500m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC IP50
Connecting method
Special connector (direct soldering possible)
Weight
Approx. 3.5 g (including screwdriver for adjustment)
Material
Case
Polybutylene phthalate (PBT)
Emitter/
receiver
Polycarbonate
Accessories
Screwdriver for adjustment
15 mm
15 mm
15 mm
Disk
EE-SY672
EE-SY671
Disk
200 mm
dia.


Similar Part No. - EE-1010

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1010 OMRON-EE-1010 Datasheet
365Kb / 5P
   Accurately detects objects placed in front of shiny Background.
EE-1010-1M OMRON-EE-1010-1M Datasheet
282Kb / 5P
   A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-2M OMRON-EE-1010-2M Datasheet
282Kb / 5P
   A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R OMRON-EE-1010-R Datasheet
365Kb / 5P
   Accurately detects objects placed in front of shiny Background.
EE-1010-R-1M OMRON-EE-1010-R-1M Datasheet
282Kb / 5P
   A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
More results

Similar Description - EE-1010

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY310 OMRON-EE-SY310 Datasheet
221Kb / 4P
   Photomicrosensor (Reflective)
EE-SY171 OMRON-EE-SY171 Datasheet
241Kb / 4P
   Photomicrosensor (Reflective)
EE-SY110 OMRON-EE-SY110 Datasheet
252Kb / 4P
   Photomicrosensor (Reflective)
EE-SY201 OMRON-EE-SY201 Datasheet
174Kb / 2P
   Photomicrosensor (Reflective)
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
   Photomicrosensor (Reflective)
EE-SF5 OMRON-EE-SF5 Datasheet
722Kb / 4P
   Photomicrosensor (Reflective)
EE-SY313 OMRON-EE-SY313 Datasheet
219Kb / 4P
   Photomicrosensor (Reflective)
EE-SY124 OMRON-EE-SY124 Datasheet
372Kb / 4P
   Photomicrosensor (Reflective)
EE-SY113 OMRON-EE-SY113 Datasheet
253Kb / 4P
   Photomicrosensor (Reflective)
EE-SY193 OMRON-EE-SY193 Datasheet
302Kb / 6P
   Photomicrosensor (Reflective)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com