Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SX7722M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX7722M
Description  Photomicrosensor with Slim Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX7722M Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX7722M Datasheet HTML 1Page - Omron Electronics LLC EE-SX7722M Datasheet HTML 2Page - Omron Electronics LLC EE-SX7722M Datasheet HTML 3Page - Omron Electronics LLC EE-SX7722M Datasheet HTML 4Page - Omron Electronics LLC EE-SX7722M Datasheet HTML 5Page - Omron Electronics LLC EE-SX7722M Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EE-SX77/87
Ratings and Specifications
* The response frequency was measured by detecting the following rotating disk.
Type
Standard
L-shaped
T-shaped
Item
NPN
models
EE-SX770/EE-SX870
EE-SX770A/EE-SX870A
EE-SX771/EE-SX871
EE-SX771A/EE-SX871A
EE-SX772/EE-SX872
EE-SX772A/EE-SX872A
PNP
models
EE-SX770P/EE-SX870P
EE-SX770R/EE-SX870R
EE-SX771P/EE-SX871P
EE-SX771R/EE-SX871R
EE-SX772P/EE-SX872P
EE-SX772R/EE-SX872R
Sensing distance
5 mm (slot width)
Sensing object
Opaque: 2
× 0.8 mm min.
Differential distance
0.025 mm
Light source
GaAs infrared LED with a peak wavelength of 940 nm
Indicator
Light indicator (red) (turns ON when light is interrupted for models with A or R suffix)
Supply voltage
5 to 24 VDC ±10%, ripple (p-p): 10% max.
Current consumption
35 mA max. (NPN models), 30 mA max. (PNP models)
Control output
NPN open collector: 5 to 24 VDC, 100 mA max.
100 mA load current with a residual voltage of 0.8 V max.
40 mA load current with a residual voltage of 0.4 V max.
OFF current (leakage current): 0.5 mA max.
PNP open collector: 5 to 24 VDC, 50 mA max.
50 mA load current with a residual voltage of 1.3 V max.
OFF current (leakage current): 0.5 mA max.
Response frequency
*
1 kHz min. (3 kHz average)
Ambient illumination
1,000 lx max. with fluorescent light on the surface of the receiver
Ambient temperature range
Operating:
−25 to +55°C
Storage:
−30 to +80°C (with no icing)
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95% (with no condensation)
Vibration resistance
Destruction: 20 to 2,000 Hz (peak acceleration: 100 m/s2)
1.5-mm double amplitude for 2 h (4-min periods) each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC60529 IP60
Connecting method
Pre-wired (standard cable length: 2 m)
Weight (packaged)
Approx. 20 g
Material
Case: Polybutylene phthalate (PBT)
Disk
1 mm
1 mm
2.1 mm
t = 0.2 mm


Similar Part No. - EE-SX7722M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX7722M OMRON-EE-SX7722M Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable (Non-modulated)
More results

Similar Description - EE-SX7722M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable (Non-modulated)
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
   Photomicrosensor
logo
Omron Electronics LLC
EE-SA401-P2 OMRON-EE-SA401-P2 Datasheet
129Kb / 3P
   Photomicrosensor
EE-SY671 OMRON-EE-SY671 Datasheet
430Kb / 7P
   Reflective Photomicrosensor with Sensitivity Adjuster
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com