Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L143 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E39-L143
Description  Manual Fiber Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L143 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E39-L143 Datasheet HTML 3Page - Omron Electronics LLC E39-L143 Datasheet HTML 4Page - Omron Electronics LLC E39-L143 Datasheet HTML 5Page - Omron Electronics LLC E39-L143 Datasheet HTML 6Page - Omron Electronics LLC E39-L143 Datasheet HTML 7Page - Omron Electronics LLC E39-L143 Datasheet HTML 8Page - Omron Electronics LLC E39-L143 Datasheet HTML 9Page - Omron Electronics LLC E39-L143 Datasheet HTML 10Page - Omron Electronics LLC E39-L143 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
E3X-NA
7
Engineering Data (Typical)
Number of Turns of Sensitivity Adjuster vs. Sensing Distance
E32-T11L
E32-D11L
Sensing Distance vs. Differential Travel
E32-T11L
E32-D11L
1.2
1.0
0.8
0.6
0.4
0.2
0
24
6
8
10
Number of turns
E3X-NA
@(V)
E3X-NA
@F
400
300
200
100
0
24
6
8
10
Number of turns
E3X-NA
@F
E3X-NA
@(V)
100
80
60
40
20
0
100
200
300
400
500
600 700
Distance (mm)
E3X-NA
@(V)
20
15
10
5
0
50
100
150
200
Distance (mm)
E3X-NA
@(V)


Similar Part No. - E39-L143

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L142 OMRON-E39-L142 Datasheet
1Mb / 12P
   Print mark detection photoelectric sensor in compact stainless steel housing
E39-L142 OMRON-E39-L142 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
E39-L144 OMRON-E39-L144 Datasheet
1Mb / 12P
   Print mark detection photoelectric sensor in compact stainless steel housing
E39-L144 OMRON-E39-L144 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
E39-L149 OMRON-E39-L149 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E39-L143

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3XNA11V2M OMRON-E3XNA11V2M Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com