Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM1A-20EDT Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CPM1A-20EDT
Description  CPM1A System configuration
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM1A-20EDT Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button CPM1A-20EDT Datasheet HTML 4Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 5Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 6Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 7Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 8Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 9Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 10Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 11Page - Omron Electronics LLC CPM1A-20EDT Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Specifications
12
Analog I/O Unit
Item
Voltage I/O
Current I/O
Analog
i
Number of inputs
2
g
inputs
Input signal range
0to10Vor 1to5V
4to20mA
Maximum rated input
%15 V
%30 mA
External input impedance
1M
! min.
250
! rated
Resolution
1/256
Overall precision
1.0% of full scale
Converted A/D data
8-bit binary
Analog
Number of outputs
1
g
output
(See
Output signal range
0to10Vor --10 to 10 V
4to20mA
(See
note 1.)
External output max. current
5mA
---
note 1.)
External output allowed load
resistance
---
350
!
Resolution
1/256 (1/512 when the output signal range is --10 to 10 V.)
Overall precision
1.0% of full scale
Data setting
8-bit binary with sign bit
Conversion time (See note 2.)
10 ms/Unit max.
Isolation method
Photocoupler isolation between I/O terminals and PC
(There is no isolation between the analog I/O signals.)
Note
1. The voltage output and current output can be used at the same time, but the total output current cannot exceed 21 mA.
2. The conversion time is the total time for 2 analog inputs and 1 analog output.
CompoBus/S I/O Link Unit
Specifications
Item
Specification
Model number
CPM1A-SRT21
Master/Slave
CompoBus/S Slave
Number of I/O bits
8 input bits, 8 output bits
Number of words occupied in
CPM1A I/O memory
1 input word, 1 output word
(Allocated in the same way as other Expansion Units)
Node number setting
Set using the DIP switch.
Note: See the CompoBus/S Catalog (Q103) for more details on CompoBus/S communications.
Temperature Sensor Units
By mounting a Temperature Sensor Unit (CPM1A-TS001/TS002/TS101/TS102) to the PC, input can be obtained from a thermocou-
ple or platinum resistance thermometer,and temperature measurements can be converted to binary data (4-digit hexadecimal) and
stored in the input area of the CPU Unit. For details on the maximum number of connectable Units, refer to 7.
Specifications
Item
Specification
Model number
CPM1A-TS001/002
CPM1A-TS101/102
Number of inputs
2 (TS001), 4 (TS002)
2 (TS101), 4 (TS102)
Input types
K, J switchable
(Note: Same input for all input points.)
Pt100, JPt100 switchable
(Note: Same input for all input points.)
Indication accuracy
[The larger of the indicated value
%0.5% and
%2"C] %1 digit max.
[The larger of the indicated value
%0.5% and
%1"C] %1 digit max.
Conversion time
250 ms/2 points (TS001, TS101); 250 ms/4 points (TS002, TS102)
Converted temperature data
Binary (4-digit hexadecimal)
Isolation method
Photocoupler isolation between the temperature input signals.
Note: The indication accuracy when using a K-type thermocouple for temperatures less than --100
"Cis %4"C %1 digit max.


Similar Part No. - CPM1A-20EDT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
More results

Similar Description - CPM1A-20EDT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
   System Configuration
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
   Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
   Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
   Auto-Configuration Backup and Restore System
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
   Pluggable engine box: Easy system configuration and maintenance
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
   QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com