Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA1298Y Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSA1298Y
Description  Low Frequency Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA1298Y Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSA1298Y Datasheet HTML 1Page - Fairchild Semiconductor KSA1298Y Datasheet HTML 2Page - Fairchild Semiconductor KSA1298Y Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
• Refer to KSA643 for graphs.
Electrical Characteristics T
a=25°C unless otherwise noted
hFE1 Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-800
mA
IB
Base Current
-160
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB=0
-25
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -1mA, IC=0
-5
V
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-100
nA
IEBO
Emitter Cut-off Current
VBE= -5V, IC=0
-100
nA
hFE1
hFE2
DC Current Gain
VCE= -1V, IC= -100mA
VCE= -1V, IC= -800mA
100
40
320
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -500mA, IB= -20mA
-0.4
V
VBE (on)
Base-Emitter On Voltage
VCE= -1V, IC= -10mA
-0.5
-0.8
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA
120
MHz
Cob
Output Capacitance
VCB= -10V, IE= 0, f=1MHz
13
pF
Classification
O
Y
hFE1
100 ~ 200
160 ~ 320
1. Base 2. Emitter 3. Collector
KSA1298
Low Frequency Power Amplifier
• Complement to KSC3265
J1 O
Marking
hFE grade
SOT-23
1
2
3


Similar Part No. - KSA1298Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1298YMTF FAIRCHILD-KSA1298YMTF Datasheet
49Kb / 3P
   Low Frequency Power Amplifier
More results

Similar Description - KSA1298Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com