Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM1A-20CDR-A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CPM1A-20CDR-A
Description  CPM1A System configuration
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM1A-20CDR-A Datasheet(HTML) 4 Page - Omron Electronics LLC

  CPM1A-20CDR-A Datasheet HTML 1Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 2Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 3Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 4Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 5Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 6Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 7Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 8Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
8
General Specifications
Item
10-point I/O
20-point I/O
30-point I/O
40-point I/O
Power supply voltage/
f
AC power supply
100 to 240 VAC, 50/60 Hz
pp y
g /
frequency
DC power supply
24 VDC
Operating voltage
AC power supply
85 to 264 VAC
p
g
g
range
DC power supply
20.4 to 26.4 VDC
Power consumption
AC power supply
30 VAC max.
60 VAC max.
p
DC power supply
6Wmax.
20 W max.
Inrush current
30 A max.
60 A max.
External power supply
(AC only)
Power supply
voltage
24 VDC
( C o y)
Power supply
output capacity
200 mA
300 mA
Insulation resistance
20 M
! min. at 500 VDC between the AC terminals and the protective earth
terminal.
Dielectric strength
2,300 VAC at 50/60 Hz for one minute with a leakage current of 10 mA max.
between all the external AC terminals and the protective earth terminal.
Noise resistance
Conforms to IEC61000-4-4, 2 kV (power lines)
Vibration resistance
10 to 57 Hz with an amplitude of 0.075 mm, and 57 to 150 Hz with an accelera-
tion of 9.8 m/s2 in the X, Y, and Z directions for 80 minutes each (i.e. swept for
8 minutes, 10 times).
Shock resistance
147 m/s2 in the X, Y and Z directions 3 times each.
Ambient temperature (operating)
0
" to 55"C
Ambient humidity (operating)
10% to 90% (no condensation)
Ambient environment (operating)
With no corrosive gas
Ambient temperature (storage)
--20
" to 75"C
Terminal screw size
M3
Power supply holding time
10 ms min. for AC models, and 2 ms min. for DC models
Weight
AC model:
400 g max.
DC model:
300 g max.
AC model:
500 g max.
DC model:
400 g max.
AC model:
600 g max.
DC model:
500 g max.
AC model:
700 g max.
DC model:
600 g max.
Note: The specifications of the Expansion I/O Unit are the same as for the CPU except that the power is supplied from the CPU and
the weight is 300 g.
Specifications


Similar Part No. - CPM1A-20CDR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
More results

Similar Description - CPM1A-20CDR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
   System Configuration
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
   Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
   Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
   Auto-Configuration Backup and Restore System
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
   Pluggable engine box: Easy system configuration and maintenance
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
   QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com