Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11306 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 11306
Description  KEYSTONE PTFE Insulated Terminals & Pins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

11306 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  11306 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This product is RoHS compliant.
.040 (1.0)
A
C
B
E
.172[4.4]
.040 (1.0)
.148 (4.0)
.172 (4.4)
.040 (1.0)
.210 (5.3)
.100 (2.5)
.030 (3.2) DIA
HOLE THRU.
.125 (3.2)
.125 (3.2)
.045 (1.1)
.075 (1.9)
.025 (.6)
.150 (3.8)
F
R
E
C
A
B
A
C
E
R
B
B
E
C
A
R
R
E
A
C
B
R
E
C
A
B
.040 (1.0)
.060 (1.5)
.140 (3.6)
.270 (6.9)
.093 (2.4)
.100 (2.5)
.075 (1.9)
.030 (.81)
R
E
B
.040
(1.0)
C
A
1433
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Keystone
Part No.
Fig.
Dimensions: in. (mm)
Price Each
A
B
C
E
R
Mtg. Hole Dia.
1
100
500 1000
Turret
534-11300
11300
E
.125 (3.2)
.039 (2.40
.100 (2.5)
.210 (5.3)
.060 (1.5)
.086 (2.2)
534-11301
11301
E
.125 (3.2)
.093 (2.4)
.080 (2.0)
.250 (6.4)
.080 (2.0)
.086 (2.2)
534-11302
11302
E
.125 (3.2)
.093 (2.4)
.100 (2.5)
.250 (6.4)
.080 (2.0)
.086 (2.2)
534-11303
11303
E
.172 (4.4)
.148 (3.8)
.140 (3.6)
.194 (4.9)
.093 (2.4)
.136 (3.5)
534-11304
11304
E
.172 (4.4)
.148 (3.8)
.110 (2.8)
.250 (6.4)
.080 (2.0)
.136 (3.5)
534-11305
11305
E
.172 (4.4)
.148 (3.8)
.125 (3.2)
.303 (7.7)
.080 (2.0)
.136 (3.5)
534-11306
11306
E
.172 (4.4)
.148 (3.8)
.165 (4.2)
.290 (7.4)
.093 (2.4)
.136 (3.5)
534-11307
11307
E
.172 (4.4)
.148 (3.8)
.250 (6.4)
.290 (7.4)
.093 (2.4)
.136 (3.5)
534-11308
11308
E
.172 (4.4)
.148 (3.8)
.165 (4.2)
.437 (11.1)
.093 (2.4)
.136 (3.5)
534-11310
11310
F
.125 (3.2)
.093 (2.4)
.100 (2.5)
.170 (4.3)
.060 (1.5)
.086 (2.2)
534-11311
11311
F
.172 (4.4)
.148 (3.8)
.100 (2.5)
.210 (5.3)
.080 (2.0)
.136 (3.5)
534-11312
11312
F
.187 (4.8)
.171 (4.3)
.155 (3.9)
.210 (5.3)
.080 (2.0)
.158 (4.0)
534-11320
11320
G
.172 (4.4)
.148 (3.8)
.100 (2.5)
.150 (3.8)
.080 (2.0)
.136 (3.5)
534-11321
11321
G
.187 (4.8)
.165 (4.2)
.150 (3.8)
.370 (9.4)
.090 (2.3)
.152 (3.9)
534-11322
11322
G
.150 (3.8)
.125 (3.2)
.110 (2.8)
.180 (4.6)
.090 (2.3)
.113 (2.9)
*
Turret-To-Turret Feed-thru
534-11250
11250
H
.312 (7.9)
.171 (4.3)
.171 (4.3)
.196 (5.0)
.093 (2.4)
.158 (4.0)
534-11251
11251
H
.200 (5.1)
.172 (4.4)
.125 (3.2)
.195 (5.0)
.090 (2.3)
.158 (4.0)
Turret-To-Pin Feed-thru
534-11216
11216
I
.172 (4.4)
.148 (3.8)
.100 (2.5)
.250 (6.4)
.080 (2.0)
.136 (3.5)
534-11217
11217
I
.172 (4.4)
.148 (3.8)
.230 (5.8)
.375 (9.5)
.093 (2.4)
.066 (1.7)
534-11218
11218
J
.093 (2.4)
.075 (1.9)
.100 (2.5)
.140 (3.6)
.060 (1.5)
.066 (1.7)
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Keystone
Part No.
Fig.
Dimensions: in. (mm)
Price Each
A
B
C
E
F
R
Mtg. Hole Dia.
1
100
500 1000
Top Mount
534-11065
11065
A
.125 (3.2)
.104 (2.6)
.089 (2.3)
.161 (4.1)
--
--
.091 (2.3)
534-11066
11066
A
.125 (3.2)
.093 (2.4)
.100 (2.5)
.925 (23.5)
--
--
.086 (2.2)
534-11067
11067
A
.172 (4.4)
.148 (3.8)
.100 (2.5)
.150 (3.8)
--
--
.136 (3.5)
534-11068
11068
A
.172 (4.4)
.148 (3.8)
.075 (1.9)
.185 (4.7)
--
--
.136 (3.5)
534-11069
11069
A
.172 (4.4)
.148 (3.8)
.050 (1.3)
.260 (6.6)
--
--
.136 (3.5)
534-11070
11070
A
.172 (4.4)
.148 (3.8)
.075 (1.9)
.260 (6.6)
--
--
.136 (3.5)
534-11071
11071
A
.172 (4.4)
.148 (3.8)
.100 (2.5)
.250 (6.4)
--
--
.136 (3.5)
534-11072
11072
A
.172 (4.4)
.148 (3.8)
.160 (4.1)
.250 (6.4)
--
--
.136 (3.5)
534-11073
11073
A
.172 (4.4)
.148 (3.8)
.100 (2.5)
.490 (12.4)
--
--
.136 (3.5)
534-11074
11074
A
.172 (4.4)
.148 (3.8)
.100 (2.5)
.585 (14.9)
--
--
.136 (3.5)
Pin - Bottom Mount
534-11075
11075
B
.148 (4.0)
.172 (4.4)
.100 (2.5)
.210 (5.3)
--
--
.136 (3.5)
Hollow Pin - Bottom Mount
534-11076
11076
C
.125 (3.2)
.150 (3.8)
.075 (1.9)
.125 (3.2)
--
--
.113 (2.9)
Pin-To-Pin Feed-Thru
534-11150
11150
D
.093 (2.4)
.075 (1.9)
.100 (2.5)
.315 (8.0)
.550 (13.9)
.030 (7.6)
.069 (1.8)
534-11151
11151
D
.125 (3.2)
.093 (2.4)
.100 (2.5)
.196 (5.0)
.453 (11.5)
.040 (1.0)
.086 (2.2)
534-11152
11152
D
.125 (3.2)
.093 (2.4)
.100 (2.5)
.250 (6.4)
.515 (13.1)
.040 (1.0)
.086 (2.2)
534-11153
11153
D
.125 (3.2)
.093 (2.4)
.100 (2.5)
.250 (6.4)
.443 (11.3)
.040 (1.0)
.086 (2.2)
534-11154
11154
D
.150 (3.8)
.125 (3.2)
.100 (2.5)
.250 (6.4)
.443 (11.3)
.040 (1.0)
.113 (2.9)
534-11155
11155
D
.172 (4.4)
.148 (3.8)
.100 (2.5)
.250 (6.4)
.515 (13.1)
.040 (1.0)
.136 (3.5)
534-11156
11156
D
.172 (4.4)
.148 (3.8)
.110 (2.8)
.260 (6.6)
.535 (13.6)
.040 (1.0)
.136 (3.5)
534-11157
11157
D
.172 (4.4)
.148 (3.8)
.250 (6.4)
.303 (7.7)
.719 (18.3)
.040 (1.0)
.136 (3.5)
534-11158
11158
D
.172 (4.4)
.148 (3.8)
.160 (4.1)
.250 (6.4)
.725 (18.4)
.040 (1.0)
.136 (3.5)
534-11159
11159
D
.172 (4.4)
.148 (3.8)
.170 (4.3)
.250 (6.4)
.630 (16.0)
.040 (1.0)
.136 (3.5)
534-11160
11160
D
.172 (4.4)
.148 (3.8)
.170 (4.3)
.250 (6.4)
.630 (16.0)
.040 (1.0)
.136 (3.5)
mouser.com/keystone
KEYSTONE PTFE Insulated Terminals & Pins
PINS
SOLDER TERMINALS
© Copyright 2012 Mouser Electronics
© Copyright 2012 Mouser Electronics
Features:
Outstanding Electrical,Mechanical, Thermal and Chemical properties.
Provides greater pull-out strength and high torque resistance
Ideal for high quality terminal and connector applications
Custom PTFE jacks manufactured to your specifications
Other platings and bushing colors available upon request
Space saving design for high density packaging
Bushing: White PTFE RoHS
Terminal: Brass, Tin Plate
A
E
B
C
D
F
G
H
I
J
*Hollow turret
Bottom Mount
Top Mount
Top Mount
asia.pacific@mouser.com


Similar Part No. - 11306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11306 ETC2-11306 Datasheet
332Kb / 1P
   Fuse carriers, Domestic cartridge fuses
logo
Anaren Microwave
11306-3 ANAREN-11306-3 Datasheet
342Kb / 3P
   Hybrid Couplers
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
   Hybrid Couplers 3 dB, 90
logo
PHOENIX CONTACT
1130669 PHOENIX-1130669 Datasheet
755Kb / 6P
   Industrial PC - BL2 BPC 1501E
1130682 PHOENIX-1130682 Datasheet
668Kb / 6P
   Industrial PC - BL2 BPC 1501S
More results

Similar Description - 11306

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
   PTFE FORK INSULATED TERMINAL
11.12.07
8843 KEYSTONE-8843 Datasheet
96Kb / 1P
   PTFE FORK INSULATED TERMINAL
3.31.99
logo
TE Connectivity Ltd
FCD TEC-FCD Datasheet
269Kb / 5P
   Insulated safety terminals
logo
List of Unclassifed Man...
FDD2-250 ETC2-FDD2-250 Datasheet
136Kb / 3P
   Insulated Crimp Terminals Metric
RB14-8FL ETC2-RB14-8FL Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
   Insulated Crimp Terminals Metric
RD8-14 ETC2-RD8-14 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
logo
PANDUIT CORP.
PH14-6F-Q PANDUIT-PH14-6F-Q Datasheet
95Kb / 1P
   HEAT SHRINK INSULATED FORK TERMINALS
logo
CAMBION Electronic Comp...
461-2871 CAMBION-461-2871 Datasheet
29Kb / 1P
   Shorting Links, insulated, .040 (1,02) diameter pins
logo
Bourns Electronic Solut...
CSM2F-8518 BOURNS-CSM2F-8518_V02 Datasheet
612Kb / 4P
   Shunt Resistor with Sense Pins & Tinned Terminals
10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com