Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-EF372 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # HMC-EF372
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMC-EF372 Datasheet(HTML) 4 Page - Omron Electronics LLC

  HMC-EF372 Datasheet HTML 1Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 2Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 3Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 4Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 5Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 6Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 7Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 8Page - Omron Electronics LLC HMC-EF372 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CJ1 Ordering Guide
B-121
Programmable Controller
CJ1
Modules
J Basic I/O Modules
Item
Description/Specifications
Standards
Part number
Item
Description/Specifications
Standards
Part number
DC Input Modules
8 inputs, 24 VDC, 10 mA, terminal block
UC, CE
CJ1W-ID201
p
16 inputs, 24 VDC, 7 mA, terminal block
,
CJ1W-ID211
32 inputs, 24 VDC, 4.1 mA, Fujitsu-compatible connector
CJ1W-ID231
(See note.)
32 inputs, 24 VDC, 4.1 mA, MIL-type connector
CJ1W-ID232
(See note.)
64 inputs, 24 VDC, 4.1 mA, Fujitsu-compatible connector
CJ1W-ID261
(See note.)
64 inputs, 24 VDC, 4.1 mA, MIL-type connector
CJ1W-ID262
(See note)
AC Input Modules
16 inputs, 100 to 120 VAC, 7 mA (100 V, 50 Hz), terminal block
CJ1W-IA111
p
8 inputs, 200 to 240 VAC, 10 mA (200 V, 50 Hz), terminal block
CJ1W-IA201
Interrupt Input Module
16 inputs, 24 VDC, 7 mA, terminal block
CJ1W-INT01
Pulse Catch Input
Module
16 inputs, 24 VDC, 7 mA, terminal block
CJ1W-IDP01
Relay Bit Output
M d l
8 outputs max., 250 VAC/24 VDC, 2 A, independent contacts
CJ1W-OC201
y
p
Modules
16 outputs max., 250 VAC/24 VDC, 2 A, independent contacts
CJ1W-OC211
Transistor Output
M d l
12 to 24 VDC, 2 A, 8 outputs, sinking, terminal block
CJ1W-OD201
p
Modules
8 outputs, 24 VDC, 2 A, sourcing, load short-circuit protection, alarm, terminal block
CJ1W-OD202
8 outputs, 12 to 24 VDC, 0.5 A, sinking, terminal block
CJ1W-OD203
8 outputs, 24 VDC, 0.5 A, sourcing, terminal block
CJ1W-OD204
16 outputs, 12 to 24 VDC, 0.5 A, sinking, terminal block
CJ1W-OD211
16 outputs, 24 VDC, 0.5 A, sourcing, load short-circuit protection, disconnection
detection, alarm, terminal block
CJ1W-OD212
32 outputs, 12 to 24 VDC, 0.5 A, sinking, Fujitsu-compatible connector
CJ1W-OD231
(See note.)
32 outputs, 24 VDC, 0.5 A, sourcing, load short-circuit protection, alarm, MIL
connector
CJ1W-OD232
(See note.)
32 outputs, 12 to 24 VDC, 0.5 A, sinking, MIL-type connector
CJ1W-OD233
(See note.)
64 outputs, 12 to 24 VDC, 0.3 A, sinking, Fujitsu-compatible connector
CJ1W-OD261
(See note.)
64 outputs, 12 to 24 VDC, 0.3 A, sourcing, MIL-type connector
CJ1W-OD262
(See note.)
64 outputs, 12 to 24 VDC, 0.3 A, sinking, MIL-type connector
CJ1W-OD263
(See note.)
Triac Output Module
8 outputs, 250 VAC, 0.6 A, terminal block
CJ1W-OA201
Mixed I/O Modules
24VDC
Input/Transistor
O t
t
Fujitsu-compatible connector
Inputs: 24 VDC, 16 inputs
Outputs: 12 to 24 VDC, 0.5A, 16 outputs
CJ1W-MD231
(See note.)
p /
Output
Mixed I/O Modules
24VDC
I
t/T
i t
Fujitsu-compatible connector
Inputs: 24 VDC, 32 inputs
Outputs: 12 to 24 VDC, 0.3A, 32 outputs
CJ1W-MD261
(See note.)
Input/Transistor
Output
MIL-type connector
Inputs: 24 VDC, 16 inputs
Outputs: 24 VDC, 0.5 A, 16 outputs
Load short-circuit protection
CJ1W-MD232
(See note.)
MIL-type connector
Inputs: 24 VDC, 16 inputs
Outputs: 12 to 24 VDC, 0.5A, 16 outputs
CJ1W-MD233
(See note.)
MIL-type connector
Inputs: 24 VDC, 32 inputs
Outputs: 12 to 24 VDC, 0.3A, 32 outputs
CJ1W-MD263
(See note.)
TTL Mixed I/O
Module
MIL-type connector
Inputs: TTL (5 VDC), 32 inputs
outputs: TTL (5 VDC, 35mA), 32 outputs
CJ1W-MD563
(See note.)
B7A Interface
M d l
64 inputs
CE
CJ1W-B7A14
Modules
64 outputs
CJ1W-B7A04
32 inputs/32 outputs
CJ1W-B7A22
Note:
Connectors for wiring are not provided with connector models. Either purchase the following Connectors, or use an OMRON XW2j Connector-Termi-
nal Block Conversion Unit or a G7j I/O Relay Terminal.


Similar Part No. - HMC-EF372

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
HMC-EF372 OMRON-HMC-EF372 Datasheet
344Kb / 15P
   CPU Selection
HMC-EF372 OMRON-HMC-EF372 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
More results

Similar Description - HMC-EF372

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com