Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1M-CPU12 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CJ1M-CPU12
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1M-CPU12 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CJ1M-CPU12 Datasheet HTML 2Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 3Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 4Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 5Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 6Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 7Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 8Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 9Page - Omron Electronics LLC CJ1M-CPU12 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CJ1 Ordering Guide
B-123
Programmable Controller
CJ1
Modules
J Position Control Software and Terminal Blocks
Item
Description/Specifications
Standards
Part number
Item
Description/Specifications
Standards
Part number
CX-Position (NC
Support Software)
Windows 95, 98, NT 4.0, or 2000, Pentium 100 MHz or better,
32 Mbytes of memory min., 50 Mbytes of hard disk space min.
WS02-NCTC1-E
Servo Relay
Terminal Blocks
(S
N t )
For 1-Axis Position Control Module (without communications support)
(CJ1W-CN113/133, CS1W-NC113/133, C200HW-NC113, C200H-NC112)
XW2B-20J6-1B
(See Note.)
For 2- or 4-Axis Position Control Module (without communications support)
(CJ1W-CN213/233/413/433, CS1W-NC213/233/413/433,
C200HW-NC213/413, C500-NC213/211, C200H-NC211)
XW2B-40J6-2B
For 2- or 4-Axis Position Control Module (with communications support)
(CJ1W-CN213/233/413/433, CS1W-NC213/233/413/433,
C200HW-NC213/413)
XW2B-40J6-4A
Note: The ambient operating temperature for 4-Axis Position Control Modules is 0 to 50_C; the allowable voltage fluctuation on the
external 24-VDC power supply is 22.8 to 25.2 VDC (24 V
±5%).
J Cables for Position Control Modules
Item
Description/Specifications
Cable length
Standards
Part number
Position Control
M d l C bl
Connects CJ1W-NC113 to W-Series
0.5 m
XW2Z-050J-A14
Module Cables
(See Note )
Connects CJ1W-NC113 to W-Series
1m
XW2Z-100J-A14
(See Note.)
Connects CJ1W-NC213/413 to W-Series
0.5 m
XW2Z-050J-A15
Connects CJ1W-NC213/413 to W-Series
1m
XW2Z-100J-A15
Connects CJ1W-NC113 to SMARTSTEP
0.5 m
XW2Z-050J-A16
Connects CJ1W-NC113 to SMARTSTEP
1m
XW2Z-100J-A16
Connects CJ1W-NC213/413 to SMARTSTEP
0.5 m
XW2Z-050J-A17
Connects CJ1W-NC213/413 to SMARTSTEP
1m
XW2Z-100J-A17
Connects CJ1W-NC133 to W-Series
0.5 m
XW2Z-050J-A18
Connects CJ1W-NC133 to W-Series
1m
XW2Z-100J-A18
Connects CJ1W-NC233/433 to W-Series
0.5 m
XW2Z-050J-A19
Connects CJ1W-NC233/433 to W-Series
1m
XW2Z-100J-A19
Connects CJ1W-NC133 to SMARTSTEP
0.5 m
XW2Z-050J-A20
Connects CJ1W-NC133 to SMARTSTEP
1m
XW2Z-100J-A20
Connects CJ1W-NC233/433 to SMARTSTEP
0.5 m
XW2Z-050J-A21
Connects CJ1W-NC233/433 to SMARTSTEP
1m
XW2Z-100J-A21
Note: Two Servo Relay Units and two cables for the Position Control Module are required for a 4-Axis Position Control Module.


Similar Part No. - CJ1M-CPU12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1M-CPU12 OMRON-CJ1M-CPU12 Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU12 OMRON-CJ1M-CPU12 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU12 OMRON-CJ1M-CPU12 Datasheet
344Kb / 15P
   CPU Selection
CJ1M-CPU12 OMRON-CJ1M-CPU12 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1M-CPU12 OMRON-CJ1M-CPU12 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
More results

Similar Description - CJ1M-CPU12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com