Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3F88L-CR015NA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3F88L-CR015NA
Description  Cam Positioner
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3F88L-CR015NA Datasheet(HTML) 2 Page - Omron Electronics LLC

  3F88L-CR015NA Datasheet HTML 1Page - Omron Electronics LLC 3F88L-CR015NA Datasheet HTML 2Page - Omron Electronics LLC 3F88L-CR015NA Datasheet HTML 3Page - Omron Electronics LLC 3F88L-CR015NA Datasheet HTML 4Page - Omron Electronics LLC 3F88L-CR015NA Datasheet HTML 5Page - Omron Electronics LLC 3F88L-CR015NA Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3F88L-160/-162
2
Specifications
General Specifications
* Disconnect the functional ground terminal from the protective ground terminal before performing insulation resistance or dielectric strength tests.
Characteristics
Item
Model
3F88L-160
3F88L-162
Supply voltage
100 to 240 VAC, 50/60 Hz
Allowable supply voltage
85 to 264 VAC
Power consumption
27 VA max.
Inrush current
40 A at 10 ms max.
I/O power supply
145 mA at 24 VDC
Allowable I/O supply voltage
20.4 to 26.4 VDC
Insulation resistance
20 M
Ω min. between all external AC power supply terminals and the protective ground terminal (at 500 VDC) *
Dielectric strength
2,300 VAC at 50/60 Hz for 1 min between all external AC power supply terminals and the protective ground
terminal (leakage current: 10 mA max.)
*
Noise immunity
IEC 61000-4-4: 2 kV power line
Vibration resistance
Conforms to JIS C0911: 10 to 57 Hz with 0.075-mm single amplitude 80 min each in X, Y, and Z directions,
57 to 150 Hz at 9.8-m/s2 acceleration (sweeps: 8 min
× 10 sweeps = 80 min total)
Shock resistance
Conforms to JIS C0912: 147 m/s2 three times each in X, Y, and Z directions
Ambient operating temperature 0 to 55
°C
Ambient operating humidity
10% to 90% (with no condensation)
Ambient operating atmosphere No corrosive gases
Ambient storage temperature
−20 to 75°C
Terminals screw size
Power supply input: M3.5, control I/O: M3
Momentary power interruption
detection time
Does not detect momentary power interruptions lasting less than 15 ms.
Dimensions
110
× 100 × 82.5 mm (W × H × D)
Weight
1 kg max.
Structure
Mounted inside panel
Mounting method
Screw mounting (two M4 screws) or DIN Track mounting
Item
Model
3F88L-160
3F88L-162
No. of outputs
16
32
Output performance
Open-collector output, maximum switching capacity: 300 mA at 26.4 VDC (1.6 A max. per connector)
No. of banks
8 banks at 360 resolution, 4 banks at 720 resolution
Display
7-segment LED (current bank, speed, current angle)
Response speed
1,600 r/min at 360 resolution, 800 r/min at 720 resolution
Detection cycle
100
µs max.
Reproducibility
0.2
°
Memory backup
No. of non-volatile memory (EEPROM) writes: 100,000 times
Control unit
1/360 at 360 resolution, 1/720 at 720 resolution
Origin compensation
1 to 359 at 360 resolution, 1 to 719 at 720 resolution
Backlash compensation
1 to 179 at 360 resolution, 1 to 359 at 720 resolution
Advance angle compensation
Advance angle compensation Range:1 to 359 at 360 resolution, 1 to 719 at 720 resolution
Speed input range:
1 to 1,600 at 360 resolution, 1 to 800 at 720 resolution
Note: Only zero will be accepted for the angle advancement input when the speed input is zero.
Control inputs
START, TRIG, BANK 1 to 3, and RESET
Photocoupler input impedance: 4.7 k
Control outputs
RUN, ERROR, and M·DET
Open-collector output, maximum switching capacity, 300 mA at 26.4 VDC
Speed detection accuracy
5 r/min max.


Similar Part No. - 3F88L-CR015NA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
3F8419XZZ PANASONIC-3F8419XZZ Datasheet
293Kb / 6P
   Thick Film Chip Resistors Low Resistance Type
More results

Similar Description - 3F88L-CR015NA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
   Cam Positioner
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
   Crimp head positioner
ST-Z0010 PHOENIX-ST-Z0010 Datasheet
45Kb / 2P
   Crimp head positioner
logo
Fuji Electric
EDS12-1K FUJI-EDS12-1K Datasheet
72Kb / 4P
   ELECTRO-PNEUMATIC POSITIONER
EDS9-50B FUJI-EDS9-50B Datasheet
73Kb / 4P
   OPTICAL-PNEUMATIC POSITIONER
logo
PHOENIX CONTACT
SF-Z0042 PHOENIX-SF-Z0042 Datasheet
39Kb / 2P
   Crimp head positioner
logo
List of Unclassifed Man...
K1535 ETC-K1535 Datasheet
65Kb / 2P
   POSITIONER ENVELOPE DRAWING
logo
Omron Electronics LLC
Y92S-41-200 OMRON-Y92S-41-200 Datasheet
3Mb / 32P
   This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
logo
Harwin Plc
Z80-058 HARWIN-Z80-058 Datasheet
83Kb / 1P
   CONTACT CRIMP POSITIONER
logo
PHOENIX CONTACT
SF-Z0011 PHOENIX-SF-Z0011 Datasheet
43Kb / 2P
   Crimp head positioner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com