Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1M-CPU23 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CJ1M-CPU23
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1M-CPU23 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CJ1M-CPU23 Datasheet HTML 1Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 2Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 3Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 4Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 5Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 6Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 7Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 8Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CJ1 Ordering Guide
B-119
Programmable Controller
CJ1
Products Used in CPU Racks
J Power Supply Units and Expansion
Item
Description/Specifications
Standards
Part number
Power Supply Units
24 VDC; output capacity: 5 A, 5 VDC
UC, CE
CJ1W-PD025
pp y
100 to 240 VAC (with RUN output); output capacity: 5 A, 5 VDC
,
CJ1W-PA205R
100 to 240 VAC; output capacity: 2.8 A, 5 VDC
CJ1W-PA202
I/O Control Module
Mount 1 Module on the CPU Rack to allow the connection of an
Expansion Rack.
CJ1W-IC101
I/O Interface Module
1 required on each Expansion Rack for connection with CPU Rack
CJ1W-II101
I/O Connecting Cable
For connecting Expansion Racks to the CPU
R
k
th
E
i
R
k
Cable length: 0.3 m
L, CE
CS1W-CN313
/
g
g
p
Rack or another Expansion Rack.
Cable length: 0.7 m
,
CS1W-CN713
Cable length: 2 m
CS1W-CN223
Cable length: 3 m
CS1W-CN323
Cable length: 5 m
CS1W-CN523
Cable length: 10 m
CS1W-CN133
Cable length: 12 m
CS1W-CN133-B2
J Maintenance Parts and Accessories
Item
Description/Specifications
Standards
Part number
End Cover
One is required on the right-hand side of CJ1 Series CPU Racks.
One End Cover is provided with CPUs and I/O Interface Modules
as a standard accessory.
Note: Not mounting an End Cover on the right-hand side of the
CPU Rack will result in a fatal error.
UC, CE
CJ1W-TER01
DIN Track
Length: 0.5 m; height: 7.3 mm
PFP-50N
Length: 1 m; height: 7.3 mm
PFP-100N
Length: 1 m; height: 16 mm
PFP-100N2
End Plate
Used to lock CJ1 to Din Track
PFP-M


Similar Part No. - CJ1M-CPU23

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
344Kb / 15P
   CPU Selection
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
More results

Similar Description - CJ1M-CPU23

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com